Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP-600-15 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # SCP-600-15
Description  500~600W Parallel Type With PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

SCP-600-15 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  SCP-600-15 Datasheet HTML 1Page - RSG Electronic Components GmbH SCP-600-15 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC 180~260VAC input
PF> 0.98@ 230VAC
Protections: Short circuit/ Overload/ Over voltage/ Over temperature
Built in remote sense function
Built-in remote ON-OFF control
Power good signal
With parallel function(N+1)
Can adjust from 20~100% output voltage by external control 1-5V
Forced air cooling by built-in DC fan
3 years warranty
SPECIFICATION
SCP-600-05
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT (max.)
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note.5)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
SPECIAL FUNCTION
POWERGOODSIGNAL
COOLING
DIMENSION
MTBF
OTHERS
NOTE
PACKING
OVERLOAD
Note.4
OVERVOLTAGE
PROTECTION
ACCURRENT
600S-P005
5V
100A
0~100A
500W
100mVp-p
3.0% Typicaladjustmentbypotentiometer20%~100%adjustmentby1~5VDCexternalcontrol
1.5%
0.5%
1.0%
500ms,250ms,16msatfullload
180~260VAC260~370VDCseethederatingcurve
47~63Hz
>0.98/230VAC
80%
5.0A /230VAC
60A /230VAC
3.5mA /240VAC
105~115%ratedoutputpower
110~135% Followtooutputsetuppoint
>100
/measurebyheatsink,neartransformer
UL60950, TUVEN60950-1 Approved
HARMONICCURRENT
EMSIMMUNITY
CompliancetoEN55022(CISPR22)class A
Complianceto EN61000-3-2,3
Complianceto EN61000-4-2,3,4,5,6,8,11,Lightindustrylevel,criteria A
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
-20~+65
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
10~95%RH
0.04%/
(0~50
)
10~200Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
DCVoltage Adj.,remotesensing,remotecontrol,paralleloperation(refertocontrolterminalinstructionmanual)
OpencollectorofNPNtransistor
Byfan,>20%loador>50
fanon
290*120*68mm(L*W*H)
74.9Khrsmin.MIL-HDBK-217F(25
)
2.3kg;8pcs/20kg/CARTON
84%
0.5%
0.5%
1.0%
120mVp-p
600S-P012
12V
50A
0~50A
600W
SCP-600-12
82%
0.5%
0.5%
1.0%
100mVp-p
600S-P009
9V
66A
0~66A
594W
SCP-600-09
85%
0.5%
0.5%
1.0%
150mVp-p
600S-P015
15V
40A
0~40A
600W
SCP-600-15
89%
0.5%
0.5%
1.0%
240mVp-p
600S-P024
24V
25A
0~25A
600W
SCP-600-24
86%
0.5%
0.5%
1.0%
180mVp-p
600S-P018
18V
33.3A
0~33.3A
600W
SCP-600-18
90%
0.5%
0.5%
1.0%
480mVp-p
600S-P048
48V
12A
0~12A
576W
SCP-600-48
90%
0.5%
0.5%
1.0%
500mVp-p
600S-P060
60V
10A
0~10A
600W
SCP-600-60
89%
0.5%
0.5%
1.0%
360mVp-p
600S-P036
36V
16.6A
0~16.6A
500W
SCP-600-36
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Current limiting 3 times(1.5s,3.0s,5.0s)Then intelligent auto recovery before shut down
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:SCP-600-SPEC2006-03-28
500~600WParallel TypeWithPFCFunction
S C P - 6 0 0 series
Features :
EMICONDUCTION&RADIATION
Protectiontype: Currentlimiting,delayshutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,OP/FG:100MOhms/500VDC
Protectiontype:Shutdowno/pvoltage, recoversautomaticallyaftertemperaturegoesdown
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - SCP-600-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-600-15 ASTRODYNE-SCP-600-15 Datasheet
1Mb / 3P
   500~600W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-600-15 MEANWELL-SCP-600-15 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
More results

Similar Description - SCP-600-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-600 ASTRODYNE-SCP-600 Datasheet
1Mb / 3P
   500~600W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600_10 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP600 ASTRODYNE-PSP600 Datasheet
936Kb / 5P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600 TOTAL-POWER-PSP-600 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-600 ASTRODYNE-PSP-600 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-2K4 ASTRODYNE-SCP-2K4 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com