Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD-65B Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RD-65B
Description  65W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD-65B Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RD-65B Datasheet HTML 1Page - RSG Electronic Components GmbH RD-65B Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FileName:RD-65-SPEC2005-09-13
SPECIFICATION
MODEL
RD-65A
RD-65B
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
Note.6
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
CH2
5V
CH1
24V
CH2
6A
3A
4A
2A
0.3~8A
0.2~4A
0.3~8A
0.2~3A
66W
68W
80mVp-p
120mVp-p
80mVp-p
150mVp-p
CH1: 4.75~5.5V
CH1: 4.75~5.5V
2.0%
6.0%
2.0%
+4,-6%
0.5%
0.5%
1.5%
0.5%
0.5%
2.0%
3.0%
4.0%
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload
60ms/230VAC14ms/115VAC atfullload
88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage)
47~63Hz
79%
78%
CH1:5.75~6.75V
2A/115VAC1.2A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2)heavyindustrylevel,criteria A
-25~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
265.9Khrsmin.MIL-HDBK-217F(25
)
129*98*38mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
0.44Kg;30pcs/14.2Kg/0.72CUFT
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
65WDualOutputSwitchingPowerSupply
Universal AC input / Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
long life electrolytic capacitors
Features :
R D - 6 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
PROTECTION
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note7)
CH1
OUTPUTNUMBER
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - RD-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RD-65B ASTRODYNE-RD-65B Datasheet
507Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-65B MEANWELL-RD-65B Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
RD-65B MEANWELL-RD-65B Datasheet
436Kb / 2P
   65W Dual Output Switching Power Supply
RD-65B MEANWELL-RD-65B Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65B TOTAL-POWER-RD-65B Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
More results

Similar Description - RD-65B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD65 ASTRODYNE-PD65 Datasheet
327Kb / 4P
   65W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-65 MEANWELL-RID-65 Datasheet
429Kb / 2P
   65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_10 Datasheet
436Kb / 2P
   65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65_10 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RID65 ASTRODYNE-RID65 Datasheet
640Kb / 4P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65 Datasheet
424Kb / 2P
   65W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-65 RSG-PD-65 Datasheet
120Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-65 MEANWELL-RID-65_11 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_11 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com