Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU150-45B Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PU150-45B
Description  150 WATT SWITCHING POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PU150-45B Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PU150-45B Datasheet HTML 1Page - RSG Electronic Components GmbH PU150-45B Datasheet HTML 2Page - RSG Electronic Components GmbH PU150-45B Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AUTORANGING INPUT
PU150 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
(1)(2)
Output #1 (3)
Output #2
Output #3
Output #4
Output
Model
Vnom Imin Imax. Ipeak Tol.
Vnom Imin. Imax. Ipeak Tol.
Vnom.
Imin.
Imax. Tol.
Vnom Imin. Imax. Ipeak Tol.
Power
PU150-10B
5V
0A
30A
35A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-12B
12V
0A 12.5A 14.5A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-13B
15V
0A
10A 11.6A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-13-1B
18V
0A
8.3V
9.7A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-14B
24V
0A
6.3A
7.3A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-16B
30V
0A
5.0A
6.0A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-17B
36V
0A
4.2A
4.8A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-18B
48V
0A
3.1A
3.6A 2%
(N/A)
(N/A)
(N/A)
150W
PU150-23B
+5V 2.0A
22A
30A 2%
+12V
0A
8A
10A 3%
(N/A)
(N/A)
150W
PU150-24B
+5V 2.0A
22A
30A 2%
+15V
0A 6.4A
8A 3%
(N/A)
(N/A)
150W
PU150-25B
+5V 2.0A
22A
30A 2%
+24V
0A 4.5A
5A 3%
(N/A)
(N/A)
150W
PU150-30B
+5V 2.0A
22A
30A 2%
+12V
0A
8A
10A 3%
-5V
0A 2.5A
3%
(N/A)
150W
PU150-31B
+5V 2.0A
22A
30A 2%
+12V
0A
8A
10A 3%
-12V
0A 2.5A
3%
(N/A)
150W
PU150-32B
+5V 2.0A
22A
30A 2%
+15V
0A 6.4A
8A 3%
-15V
0A
2A
3%
(N/A)
150W
PU150-33B
+5V 2.0A
22A
30A 2%
+15V
0A 6.4A
8A 3%
-12V
0A 2.5A
3%
(N/A)
150W
PU150-40B
+5V 2.0A
22A
30A 2%
+12V
0A
8A
10A 3%
-12V
0A 2.5A
3%
5V
0A
5A
5A 3%
150W
PU150-41B
+5V 2.0A
22A
30A 2%
+15V
0A 6.4A
8A 3%
-15V
0A
2A
3%
24V
0A
4.5A
5A 3%
150W
PU150-42B
+5V 2.0A
22A
30A 2%
+12V
0A
8A
10A 3%
-12V
0A 2.5A
3%
12V
0A
4.5A
5A 3%
150W
PU150-44B
+5V 2.0A
22A
30A 2%
+12V
0A
8A
10A 3%
-15V
0A
2A
3%
15V
0A
4A
4.5A 3%
150W
PU150-45B
+5V 2.0A
22A
30A 2%
+12V
0A
8A
10A 3%
-12V
0A 2.5A
3%
24V
0A
4.5A
5A 3%
150W
Notes:
(1) Safety agency approvals are for the above listed models in U-braket format. To order model with a matallic cover, change
suffix ”B” to ”C” for enclosed format (mechanical details shown in page7-3). e.g. PU150-45C
(2) Output #1 can be built for one-wire current sharing. Add suffix “Z”, e.g. PU150-45B-Z for this requirement.
(3) The maximum current of each output shall be derated to 75% if no forced air is provided by user.
(4) The output #1 of all multiple output models needs a minimum load of 2A to support the other outputs at their maximum
rated loads.
MECHANICAL SPECIFICATIONS
Single Output models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4.
Output connector P3 mates with Molex housing
09-50-3031 and Molex 2878 series crimp terminal.
5.
Connector P4 mates with Molex housing 51110-0851 and
pins 50394-8100.
6.
Weight:
0.84 kgs (1.86 Lbs.) approx.
Multiple Output models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4.
Output connector P3 mates with Molex housing
09-50-3091 and Molex 2878 series crimp terminal.
5.
Connector P4 mates with Molex housing 51110-0851 and
pins 50394-8100.
6.
Weight:
0.84 kgs (1.86 Lbs.) approx.
1-12


Similar Part No. - PU150-45B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU150-45B TRUMPOWER-PU150-45B Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU150-45B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MK150S ASTRODYNE-MK150S Datasheet
560Kb / 3P
   Compact 150 Watt Enclosed Switching Power Supplies
MK150 ASTRODYNE-MK150 Datasheet
258Kb / 4P
   Compact 150 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
TM201 TRUMPOWER-TM201 Datasheet
335Kb / 3P
   150- 200 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com