Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBD110DWT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBD110DWT1
Description  Dual Schottky Barrier Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBD110DWT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MBD110DWT1 Datasheet HTML 1Page - Motorola, Inc MBD110DWT1 Datasheet HTML 2Page - Motorola, Inc MBD110DWT1 Datasheet HTML 3Page - Motorola, Inc MBD110DWT1 Datasheet HTML 4Page - Motorola, Inc MBD110DWT1 Datasheet HTML 5Page - Motorola, Inc MBD110DWT1 Datasheet HTML 6Page - Motorola, Inc MBD110DWT1 Datasheet HTML 7Page - Motorola, Inc MBD110DWT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Dual Schottky Barrier Diodes
Application circuit designs are moving toward the consolidation of device count and
into smaller packages. The new SOT–363 package is a solution which simplifies
circuit design, reduces device count, and reduces board space by putting two discrete
devices in one small six–leaded package. The SOT–363 is ideal for low–power
surface mount applications where board space is at a premium, such as portable
products.
Surface Mount Comparisons:
SOT–363
SOT–23
Area (mm2)
4.6
7.6
Max Package PD (mW)
120
225
Device Count
2
1
Space Savings:
Package
1
 SOT–23
2
 SOT–23
SOT–363
40%
70%
The MBD110DW, MBD330DW, and MBD770DW devices are spin–offs of our
popular MMBD101LT1, MMBD301LT1, and MMBD701LT1 SOT–23 devices. They
are designed for high–efficiency UHF and VHF detector applications. Readily
available to many other fast switching RF and digital applications.
• Extremely Low Minority Carrier Lifetime
• Very Low Capacitance
• Low Reverse Leakage
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MBD110DWT1
MBD330DWT1
MBD770DWT1
VR
7.0
30
70
Vdc
Forward Power Dissipation
TA = 25°C
PF
120
mW
Junction Temperature
TJ
– 55 to +125
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
MBD110DWT1 = M4
MBD330DWT1 = T4
MBD770DWT1 = H5
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MBD110DWT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBD110DWT1
MBD330DWT1
MBD770DWT1
CASE 419B–01, STYLE 6
SOT–363
1
2
3
6
5
4
Motorola Preferred Devices
© Motorola, Inc. 1996


Similar Part No. - MBD110DWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBD110DWT1 LRC-MBD110DWT1 Datasheet
244Kb / 5P
   Dual SCHOTTKY Barrier Diodes
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
logo
E-Tech Electronics LTD
MBD110DWT1 ETL-MBD110DWT1 Datasheet
546Kb / 5P
   Dual SCHOTTKY Barrier Diodes
MBD110DWT1 ETL-MBD110DWT1 Datasheet
414Kb / 4P
   Dual SCHOTTKY Barrier Diodes
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
64Kb / 6P
   Dual Schottky Barrier Diodes
March, 2007 ??Rev. 5
More results

Similar Description - MBD110DWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD54DWT1 ONSEMI-MBD54DWT1 Datasheet
51Kb / 4P
   Dual Schottky Barrier Diodes
February, 2005 ??Rev. 6
logo
Unisonic Technologies
BAT54A UTC-BAT54A_11 Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54ATB UTC-BAT54ATB Datasheet
182Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54DW UTC-BAT54DW Datasheet
150Kb / 2P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54SW UTC-BAT54SW Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1G ONSEMI-MBD110DWT1G_07 Datasheet
155Kb / 6P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 6
MBD54DWT1G ONSEMI-MBD54DWT1G_09 Datasheet
135Kb / 4P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 7
MBD110DWT1G ONSEMI-MBD110DWT1G_12 Datasheet
112Kb / 6P
   Dual Schottky Barrier Diodes
September, 2011 ??Rev. 7
logo
Unisonic Technologies
BAT54CTB UTC-BAT54CTB Datasheet
166Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com