Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3801MTR1PbF Datasheet(PDF) 8 Page - International Rectifier

Part # IR3801MTR1PbF
Description  SupIRBuckTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3801MTR1PbF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3801MTR1PbF Datasheet HTML 4Page - International Rectifier IR3801MTR1PbF Datasheet HTML 5Page - International Rectifier IR3801MTR1PbF Datasheet HTML 6Page - International Rectifier IR3801MTR1PbF Datasheet HTML 7Page - International Rectifier IR3801MTR1PbF Datasheet HTML 8Page - International Rectifier IR3801MTR1PbF Datasheet HTML 9Page - International Rectifier IR3801MTR1PbF Datasheet HTML 10Page - International Rectifier IR3801MTR1PbF Datasheet HTML 11Page - International Rectifier IR3801MTR1PbF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
11/04/08
8
PD-60354
IR3801MPbF
Circuit Description
THEORY OF OPERATION
The
IR3801
is
a
voltage
mode
PWM
synchronous regulator and operates with a fixed
600kHz switching frequency, allowing the use of
small external components.
The output voltage is set by feedback pin (Fb)
and the internal reference voltage (0.6V). These
are two inputs to error amplifier. The error signal
between these two inputs is amplified and it is
compared to a fixed frequency linear sawtooth
ramp.
A trailing edge modulation is used for generating
fixed frequency pulses (PWM) which drives the
internal N-channel MOSFETs.
The
internal
oscillator
circuit
uses
on-chip
circuitry,
eliminating
the
need
for
external
components.
The IR3801 operates with single input voltage
from 4.5V to 14V allowing an extended operating
input voltage range.
The over-current protection is performed by
sensing current through the R
DS(on) of low side
MOSFET. This method enhances the converter’s
efficiency and reduces cost by eliminating a
current sense resistor. The current limit is
programmable by using an external resistor.
Under-Voltage Lockout
The under-voltage lockout circuit monitors the
two input supplies (Vcc and Vc) and assures that
the MOSFET driver outputs remain in the off
state whenever the supply voltage drops below
set thresholds. Lockout occurs if Vcc or Vc fall
below
4.3V
and
3.3V
respectively. Normal
operation resumes once Vcc and Vc rise above
the set values.
Thermal Shutdown
Temperature sensing is provided inside the
IR3801. The trip threshold is typically set to
140oC. When trip threshold is exceeded, thermal
shutdown turns off both MOSFETs. Thermal
shutdown is not latched and automatic restart is
initiated when the sensed temperature drops
within the operating range. There is a 20oC
hysteresis in the thermal shutdown threshold.
Pre-Bias Startup
The IR3801 is able to start up into pre-charged
output,
which
prevents
oscillation
and
disturbances of the output voltage.
The output starts in asynchronous fashion and
keeps the synchronous MOSFET off until the first
gate signal for control MOSFET is generated.
Figure 4 shows a typical Pre-Bias condition at
start up.
Depending on system configuration, a specific
amount of output capacitors may be required to
prevent discharging the output voltage.
Fig. 4: Pre-Bias start up
Vo
Time
V
Pre-Bias Voltage
Shutdown
The output can be shutdown by pulling the soft-
start pin below 0.3V. This can easily be done by
using an external small signal transistor. During
shutdown both MOSFET drivers will be turned
off. Normal operation will resume by cycling soft
start pin.


Similar Part No. - IR3801MTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3801AMPBF IRF-IR3801AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3801AMTR1PbF IRF-IR3801AMTR1PbF Datasheet
673Kb / 21P
   SupIRBuckTM
More results

Similar Description - IR3801MTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800AMPBF IRF-IR3800AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3802AMPBF IRF-IR3802AMPBF Datasheet
670Kb / 21P
   SupIRBuckTM
IR3802MPBF IRF-IR3802MPBF Datasheet
672Kb / 21P
   SupIRBuckTM
IR3801AMPBF IRF-IR3801AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com