Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3801MTR1PbF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3801MTR1PbF
Description  SupIRBuckTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3801MTR1PbF Datasheet(HTML) 2 Page - International Rectifier

  IR3801MTR1PbF Datasheet HTML 1Page - International Rectifier IR3801MTR1PbF Datasheet HTML 2Page - International Rectifier IR3801MTR1PbF Datasheet HTML 3Page - International Rectifier IR3801MTR1PbF Datasheet HTML 4Page - International Rectifier IR3801MTR1PbF Datasheet HTML 5Page - International Rectifier IR3801MTR1PbF Datasheet HTML 6Page - International Rectifier IR3801MTR1PbF Datasheet HTML 7Page - International Rectifier IR3801MTR1PbF Datasheet HTML 8Page - International Rectifier IR3801MTR1PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
11/04/08
2
PD-60354
IR3801MPbF
PACKAGE INFORMATION
5mm x 6mm POWER QFN
Fig. 2: Package outline (Top view)
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
4000
15
IR3801MTRPbF
M
750
PARTS
PER REEL
15
PIN COUNT
IR3801MTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION
12
VIN
11
SW
10
PGnd
15
AGnd
1
23
4
5
6
7
8
9
14
13
NC
FB COMP AGnd AGnd SS OCSet
NC
V
CC
V
C
HG
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND)
•V
IN Supply Voltage
-0.3V to 24V
Vcc Supply Voltage
-0.3V to 16V
Vc Supply Voltage
-0.3V to 30V
SW
-0.3V to 30V
Fb,COMP,SS
-0.3V to 3.5V
•OCSet
10mA
AGnd to PGnd
-0.3V to +0.3V
Storage Temperature Range
-65
°C To 150°C
Operating Junction Temperature Range
-40
°C To 150°C
ESD Classification
JEDEC, JESD22-A114
Moisture Sensitivity Level
JEDEC Level 3 @ 260oC
Caution: Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to “Absolute Maximum
Rating” conditions for extended periods may affect device reliability.


Similar Part No. - IR3801MTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3801AMPBF IRF-IR3801AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3801AMTR1PbF IRF-IR3801AMTR1PbF Datasheet
673Kb / 21P
   SupIRBuckTM
More results

Similar Description - IR3801MTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800AMPBF IRF-IR3800AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3802AMPBF IRF-IR3802AMPBF Datasheet
670Kb / 21P
   SupIRBuckTM
IR3802MPBF IRF-IR3802MPBF Datasheet
672Kb / 21P
   SupIRBuckTM
IR3801AMPBF IRF-IR3801AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com