Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP-1000-24 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PSP-1000-24
Description  1000W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PSP-1000-24 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PSP-1000-24 Datasheet HTML 1Page - RSG Electronic Components GmbH PSP-1000-24 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:PSP-1000-SPEC2006-04-13
CaseNo.924A
Unit:mm
INPUTVOLTAGE(V)60Hz
90
115
135
180
230
264
100
90
80
70
60
50
40
ADJ LED
Airflow
direction
3
2
1
CONTROL
4-M4
52
200
278
O/P
25.75
63.5
127
6-M3
32
240
185
4-M4
52
200
I/P
4-M6
2
1
6
2
5
1
8
7
4
3
3
4
ACInput TerminalPin.
No. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
DCOutput TerminalPin.No Assignment
PinNo.
1,3
2,4
Assignment
DCOUTPUT +V
DCOUTPUT -V
ControlPin.No Assignment:MOLEX5559-NP uses5558malecrimpterminal
PinNo.
PinNo.
5
1
6
2
7
8
3
4
Assignment
Assignment
NC
P(Currentshare)
NC
-S
+S
RC+
G
RC-
Matingconnector
MOLEX5557-NR
Terminal
MOLEX5556
Femalecrimp
Terminal
receptacle
AMBIENTTEMPERATURE(
)
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
12~48V
5V
(HORIZONTAL)
1000WSingleOutputwithPFCFunction
P S P - 1 0 0 0 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PSP-1000-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-1000-24 TOTAL-POWER-PSP-1000-24 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
logo
Astrodyne Corporation
PSP-1000-24 ASTRODYNE-PSP-1000-24 Datasheet
438Kb / 2P
   1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-1000-24 MEANWELL-PSP-1000-24 Datasheet
362Kb / 2P
   1000W Single Output with PFC Function
More results

Similar Description - PSP-1000-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PSP-1000 ASTRODYNE-PSP-1000 Datasheet
438Kb / 2P
   1000W Single Output with PFC Function
logo
Total Power Internation...
PSP-1000 TOTAL-POWER-PSP-1000 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
HRPG-1000 MEANWELL-HRPG-1000 Datasheet
167Kb / 6P
   1000W Single Output with PFC Function
PSP-1000 MEANWELL-PSP-1000 Datasheet
362Kb / 2P
   1000W Single Output with PFC Function
PSPA-1000 MEANWELL-PSPA-1000 Datasheet
188Kb / 5P
   1000W with PFC and Parallel Function
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com