Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-45-7.5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PS-45-7.5
Description  45W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PS-45-7.5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PS-45-7.5 Datasheet HTML 1Page - RSG Electronic Components GmbH PS-45-7.5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
File Name:PS-45-SPEC 2006-01-27
Unit:mm
DC Output Connector (CN2) : Molex 5273-06 or equivalent
Pin No.
1,2,3
4,5,6
Assignment
+V
-V
Mating Housing
Molex 5195
or equivalent
Terminal
Molex 5194
or equivalent
AC Input Connector (CN1) : Molex 5277-02 or equivalent
Pin No.
1
2
Assignment
Mating Housing
Molex 5195
Molex 5194
or equivalent
or equivalent
Terminal
Block Diagram
Mechanical Specification
Static Characteristics (12V)
Output Derating
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
-10
0102030405060
20
40
60
80
100
OTHERS
3.3V,5V
INPUT VOLTAGE (V) 60Hz
200
80
60
10
12
140
100
120
180
160
14
16
260
240
220
25
50
100
150
200
250
300
Ta=25
4
6
8
+12V
+12V
fosc : 65KHz
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
4-
3.8
CN2
4
3
2
1
M1
M2
O.V.P.
CONTROL
ING
-V
+V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FG
I/P
FILTER
EMI
45W Outputs Switching Power Supply
PS-45 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PS-45-7.5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS-45-7.5 ASTRODYNE-PS-45-7.5 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45-7.5 MEANWELL-PS-45-7.5 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
logo
XP Power Limited
PS-45-7.5 XPPOWER-PS-45-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
PS-45-7.5 XPPOWER-PS-45-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45-7.5 MEANWELL-PS-45-7.5 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
More results

Similar Description - PS-45-7.5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
PS-45 MEANWELL-PS-45 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_12 Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
EPS-45-5-C MEANWELL-EPS-45-5-C Datasheet
1Mb / 4P
   45W Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_11 Datasheet
583Kb / 3P
   45W Single Output Switching Power Supply
PSD-45 MEANWELL-PSD-45_11 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com