Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-25-7.5 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PS-25-7.5
Description  25W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PS-25-7.5 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PS-25-7.5 Datasheet HTML 1Page - RSG Electronic Components GmbH PS-25-7.5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PS-25-3.3
PS-25-5
PS-25-7.5
PS-25-12
PS-25-13.5
PS-25-15
PS-25-24
PS-25-27
PS-25-48
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
OVER VOLTAGE
AC CURRENT (Typ.)
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
5A
5A
3.3A
2.1A
1.9A
1.7A
1A
0.9A
0.5A
0 ~ 5A
0 ~ 5A
0 ~ 3.3A
0 ~ 2.1A
0 ~ 1.9A
0 ~ 1.7A
0 ~ 1A
0 ~ 0.9A
0 ~ 0.5A
16.5W
25W
24.8W
25.2W
25.7W
25.5W
24W
24.3W
24W
80mVp-p
80mVp-p
80mVp-p
100mVp-p
100mVp-p
100mVp-p
240mVp-p
240mVp-p
350mVp-p
3.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.3%
0.2%
0.2%
0.2%
2.5%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
200ms, 20ms/230VAC
200ms, 30ms/115VAC at full load
100ms/230VAC
20ms/115VAC at full load
85~264VAC
120~370VDC
47~63Hz
66%
74%
5.75 ~ 6.75V 8.6 ~ 10.1V
13.8 ~ 16.2V 15.5 ~ 18.2V 17.3 ~ 20.3V 27.6 ~ 32.4V 31 ~ 36.5V
55.2 ~ 64.8V
76%
78%
78%
78%
79%
79%
79%
0.6A/115VAC
0.4A/230VAC
COLD START 36A
<0.5mA / 240VAC
Above 105% rated output power
3.8 ~ 4.46V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
-10 ~ +60
(Refer to output load derating curve)
20 ~ 90% RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, Period for 60min.each along X, Y, Z axes
576.4Khrs min.
MIL-HDBK-217F (25
)
107*61*28mm (L*W*H)
0.14Kg; 96pcs/15Kg/1.3CUFT
File Name:PS-25-SPEC 2005-10-03
OVER TEMPERATURE
HARMONIC CURRENT
EMS IMMUNITY
UL60950-1, TUV EN60950-1 Approved
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5, Light industry level, criteria A
25W Single Output Switching Power Supply
PS-25 series
Universal AC input / Full range
Low leakage current <0.5mA
Protections:Short circuit/Over load/Over voltage/Over temperature
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 100KHz
Low cost
High reliability
2 years warranty
Features :
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
EMI CONDUCTION & RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
Tj 135
typically (U1) Detect on main control IC
Protection type : Shut down o/p voltage, re-power on to recover
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PS-25-7.5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PS-25-7.5 TOTAL-POWER-PS-25-7.5 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-25-7.5 ASTRODYNE-PS-25-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25-7.5 MEANWELL-PS-25-7.5 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-7.5 XPPOWER-PS-25-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
PS-25-7.5 XPPOWER-PS-25-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
More results

Similar Description - PS-25-7.5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com