Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPP-100-5 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # LPP-100-5
Description  100W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LPP-100-5 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  LPP-100-5 Datasheet HTML 1Page - RSG Electronic Components GmbH LPP-100-5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
LPP-100-3.3 LPP-100-5
LPP-100-7.5 LPP-100-12 LPP-100-13.5 LPP-100-15 LPP-100-24 LPP-100-27 LPP-100-48
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
LEAKAGE CURRENT
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
OVER VOLTAGE
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
20A
20A
13.5A
8.5A
7.5A
6.7A
4.2A
0~4.2A
100.8W
3.8A
2.1A
0 ~ 20A
0 ~ 20A
0 ~ 13.3A
0 ~ 8.5A
0 ~ 7.5A
0 ~ 6.7A
0 ~ 3.8A
0 ~ 2.1A
66W
100W
101.25W
102W
101.25W
100.5W
102.6W
100.8W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
3.14 ~ 3.63V 4.75 ~ 5.5V
7.13 ~ 8.25V 11.4 ~ 13.2V 12.8 ~ 14.9V 14.3 ~ 16.5V 22.8 ~ 26.4V 25.7 ~ 29.7V 45.6 ~ 52.8V
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
2.0%
1.0%
2.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
600ms, 30ms/230VAC
1200ms, 30ms/115VAC at full load
28ms/230VAC
28ms/115VAC at full load
85~264VAC
120~370VDC
47~63Hz
PF>0.95/230VAC
PF>0.98/115VAC at full load
69%
1.7A/115VAC
0.75A/230VAC
75%
76%
79%
79%
80%
83%
83%
83%
COLD START 30A/230VAC
<2mA / 240VAC
105 ~ 150% rated output power
3.8 ~ 4.45V
5.75 ~ 6.75V 8.6 ~ 10.1V
13.8 ~ 16.2V 15.5 ~ 18.2V 17.25 ~ 20.25V 27.6 ~ 32.4V 31 ~ 36.45V
55.2 ~ 64.8V
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
20 ~ 90% RH non-condensing
-10 ~ +60
(Refer to output load derating curve)
-20~+85
,10~95%RH
0.05%/
(0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, Period for 60min.each along X, Y, Z axes
224.3Khrs min.
MIL-HDBK-217F (25
)
222*62*32mm (L*W*H)
0.51Kg; 24pcs/13.9Kg/1.76CUFT
File Name:LPP-100-SPEC 2005-09-13
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
UL60950-1, TUV EN60950-1 Approved
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A
100W Single Output with PFC Function
LPP-100 series
Universal AC input / Full range
Built-in active PFC function
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
EMI CONDUCTION & RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
EFFICIENCY(Typ.)
INPUT
INRUSH CURRENT (Typ.)
AC CURRENT (Typ.)
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - LPP-100-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPP-100-5 ASTRODYNE-LPP-100-5 Datasheet
412Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100-5 MEANWELL-LPP-100-5 Datasheet
335Kb / 2P
   100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-5 XPPOWER-LPP-100-5 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100-5 MEANWELL-LPP-100-5 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
LPP-100-5 MEANWELL-LPP-100-5 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - LPP-100-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-3.3 XPPOWER-LPP-100-3.3 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
HRP-100 MEANWELL-HRP-100_11 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com