Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTGHF310CV Datasheet(PDF) 2 Page - MMD Components

Part # MTGHF310CV
Description  Standard 14 Dip/4 TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTGHF310CV Datasheet(HTML) 2 Page - MMD Components

  MTGHF310CV Datasheet HTML 1Page - MMD Components MTGHF310CV Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice
Revision MTGH020907F
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
10
15
20
25
30
50
Code
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
G
0°C TO +70°C
C
-20°C TO +70°C
D
-30°C TO +70°C
F
-40°C TO +85°C
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
20.70 [.815]
MAX
13.10 [.516]
MAX
15.24 [.600]
7.62 [.300]
1
14
8
7
7.50 [.295]
.46 [.018]
6.35 [.250]
.80 [.031]
DIMENSIONS IN BRACKERS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT A HERMETICALLY SEALED UNIT
TRIMMER
OUTPUT
PIN 8
PIN 14
SUPPLY VOLTAGE
PIN 1
PIN 7
PIN CONNECTIONS
VOLTAGE CONTROL OR
NO CONNECTION
CASE GROUND
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Vibration
MIL-STD-883, Method 2007, Condition A
MARKING:
PHASE NOISE:
Line 1 =MXXXXX
M = MMD COMPONENTS
XXXXX = Frequency in MHZ
Line 2 = SYYMML
S = Internal Code
YYMM = 4 Digit Date Code (Year / Month)
L = Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
PHASE NOISE PLOT
COMING SOON
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTGHF310CV

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MTG SCHURTER-MTG Datasheet
255Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
MTG SCHURTER-MTG Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
logo
Adam Technologies, Inc.
MTG-06 ADAM-TECH-MTG-06 Datasheet
87Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX ADAM-TECH-MTG-06-XX Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX-V0 ADAM-TECH-MTG-06-XX-V0 Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
More results

Similar Description - MTGHF310CV

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTFH5 MMD-MTFH5 Datasheet
108Kb / 2P
   Standard 14 Dip/4 Package
MTFH MMD-MTFH Datasheet
151Kb / 3P
   Standard 14 Dip/4 Package
logo
Connor-Winfield Corpora...
ATV562 CONNOR-WINFIELD-ATV562 Datasheet
39Kb / 1P
   14 PIN DIP HCMOS TCXO
ATV622 CONNOR-WINFIELD-ATV622 Datasheet
62Kb / 1P
   14 PIN DIP HCMOS TCXO
ATV561 CONNOR-WINFIELD-ATV561 Datasheet
61Kb / 1P
   14 PIN DIP HCMOS TCXO
ATV2G CONNOR-WINFIELD-ATV2G Datasheet
99Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
HTFL680 CONNOR-WINFIELD-HTFL680 Datasheet
204Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
ATV1 CONNOR-WINFIELD-ATV1 Datasheet
84Kb / 2P
   14 PIN DIP CMOS/TTL TCXO
ATV2G5 CONNOR-WINFIELD-ATV2G5 Datasheet
104Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com