Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8566IS Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM8566IS
Description  2A ADJUSTABLE LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM8566IS Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM8566IS Datasheet HTML 1Page - Champion Microelectronic Corp. CM8566IS Datasheet HTML 2Page - Champion Microelectronic Corp. CM8566IS Datasheet HTML 3Page - Champion Microelectronic Corp. CM8566IS Datasheet HTML 4Page - Champion Microelectronic Corp. CM8566IS Datasheet HTML 5Page - Champion Microelectronic Corp. CM8566IS Datasheet HTML 6Page - Champion Microelectronic Corp. CM8566IS Datasheet HTML 7Page - Champion Microelectronic Corp. CM8566IS Datasheet HTML 8Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CM8566
2A ADJUSTABLE LINEAR REGULATOR
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
VIN, VCCA, VFB …................................…....….…………..6V
Lead Temperature (Soldering, 5 sec)……….……….. 260°C
Output RMS Current, Source or Sink .....………….........…...2A
Thermal Resistance(θJC)………..……..… 14°C/W (PSOP-8)
Storage Temperature ……...................…….. -65°C to 125°C
Thermal Resistance(θJA)……………………….…… 75°C/W
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, these specifications apply T
A=25°C;
VIN=+2.5V and VCCA=+3.3V, VREFEN=1.25V)
maximum ratings are stress ratings only and functional device operation is not
implied. (Note 1)
CM8566
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOS
Output Offset Voltage
IOUT=0A (Note 2)
-20
-5
20
mV
IL: 0A -> 2A
--
0.5
2
|Δ
VLOAD
Load Regulation (DDR I/II)
IL: 0A -> -2A
--
0.5
2
%
ISHDN
Current in Shutdown Mode
REFEN<0.2V, RL = 180Ω
--
1
90
μA
VIN
1.6
2.5/1.8
--
VCNTL
Input Voltage Range (DDR l/ll)
Keep VCNTL≧VIN on
operation power on and
power off sequences
3.3
6
V
SHORT CIRCUIT PROTECTION
ILIMIT
Current Limit
--
2.5
--
A
IQ
Quiescent Current
IL=2.0A
--
1.4
3
mA
OVER THERMAL PROTECTION
TCASE
Thermal Shutdown Temperature
3.3V≦VCNTL≦5V
--
100
--
Thermal Shutdown Hysterresis
Guaranteed by design
--
30
--
SHUTDOWN FUNCTION
Output = High
0.8
--
--
Shutdown Threshold Trigger
Output = Low
--
--
0.2
V
Note 1:
Exceeding the absolute maximum rating may damage the device.
Note 2:
VOS Offset is the voltage measurement defined as VOUT subtracted from VREFEN.
2007/02/01 Rev. 1.0
Champion Microelectronic Corporation
Page 4


Similar Part No. - CM8566IS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8560GIN263 ETC1-CM8560GIN263 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8560IN263 ETC1-CM8560IN263 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results

Similar Description - CM8566IS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562P CHAMP-CM8562P Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562A CHAMP-CM8562A Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
BL8559 BELLING-BL8559 Datasheet
182Kb / 6P
   2A Linear Regulator
logo
Analog Intergrations Co...
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com