Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6802SAHXISTR Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM6802SAHXISTR
Description  EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802SAHXISTR Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM6802SAHXISTR Datasheet HTML 1Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 2Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802SAHXISTR Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CM6802SAH/SBH (Turbo-Speed PFC+Green PWM)
http://www.championmicro.com.tw
EPA/85+ ZVS-Like PFC+PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.5
Champion Microelectronic Corporation
4
Simplified Block Diagram (CM6802SAH/SBH)
DC ILIMIT
9
VRMS
4
PFC OVP
+
-
.
SS
5
VFB
10uA
S
R
Q
Q
70K
GMi
+
-
.
GMv
-
+
.
VREF+2.5V
ZENER
17V
IEAO
1
VDC
6
Rmul
MPPFC
NPFC
Zener
16.5V
VEAO
PFC RAMP
S
R
Q
Q
S
R
Q
Q
S
+
-
PFC CMP
380V-OK
+
-
.
1.0V
ISENSE
3
VEAO
16
PPWM
+
-
Green PFC
Rmul
PFCCLK
PWMCLK
.
.
VCC
RAMP1
7
1.8V
IAC
2
0.3V
-1.0V
2K
2.36V
RAMP2
8
SW SPST
VREF
14
VCC
13
REFERENCE
7.5V
MNPFC
PWM OUT
11
2.5V
GND
10
2.85V
VFB
+
-
PFC ILIMIT
PFC
VFB
0.5V
DC ILIMIT
ZENER
17V
MODULATOR
GAIN
VCC
UVLO
ISENSE
+
-
PFC Tri-Fault
PFC OUT
12
VFB
15
VCC
Green PWM
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are those values beyond which the device could be permanently damaged.
Parameter
Min.
Max.
Units
VCC
20
V
IEAO
0
VREF+0.3
V
ISENSE Voltage
-5
0.7
V
GND – 0.3
VCC + 0.3
V
GND – 0.3
VCC + 0.3
V
PFC OUT
PWMOUT
Voltage on Any Other Pin
GND – 0.3
VCC + 0.3
V
IREF
3.5
mA
IAC Input Current
1
mA
Peak PFC OUT Current, Source or Sink
0.5
A
Peak PWM OUT Current, Source or Sink
0.5
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
μ J
Junction Temperature
150
Storage Temperature Range
-65
150
Operating Temperature Range
-40
125
Lead Temperature (Soldering, 10 sec)
260
Thermal Resistance (θJA)
Plastic DIP
Plastic SOIC
80
105
/W
/W
Power Dissipation (PD) TA<50℃
800
mW
ESD Capability, HBM Model
5.5
KV
ESD Capability, CDM Model
1250
V


Similar Part No. - CM6802SAHXISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802 CHAMP-CM6802 Datasheet
338Kb / 18P
   NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIP CHAMP-CM6802AGIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIS CHAMP-CM6802AGIS Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802SAHXISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com