Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6901GISTR Datasheet(PDF) 11 Page - Champion Microelectronic Corp.

Part # CM6901GISTR
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901GISTR Datasheet(HTML) 11 Page - Champion Microelectronic Corp.

Back Button CM6901GISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 9Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 10Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 11Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 12Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 13Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 14Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 15Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2009/11/02 Rev1.4
Champion Microelectronic Corporation
Page 11
Light Load PWMING
In Application , low gain configuration accomplished by connecting Rf4 and Rf5 in the closed loop configuration . The
gain for the PWM is determined by Rf4 and Rf5 where the gain is equal to -Rf5/Rf4. The voltage of VRset at which
the controller goes into FM and PWM simultaneously is equal to :
VRset = D_IN+ × (1+Rf4/Rf5) - (Rf4/Rf5) × 3 where 3 is the peak voltage of RTCT
Varyin Rset from VRset to VRset + 1.75 × Rf4/Rf5 will cause the duty cycle to vary from 50% to 0% while the
frequency will vary propotionally according to 1.75*Rf4/Rf5 where 1.75 is the peak-to-peak voltage of the RTCT
ramp. For proper operation, select Rf5 value so that the current through Rf5 {((D_IN+) - 1.2)/Rf5} should be less
than 5uA.
V T o I
2. 5V
VF B
OS C
Vr e f
RT
CT
+
-
Rf 1
Rf 3
Vo u t
+
-
Vr e f
RS E T
+
-
D_ I N +
DE A O
RT CT
PW M
D_ I N -
F EAO
Rf 4
Rf 5


Similar Part No. - CM6901GISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901 CHAMP-CM6901 Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
CM6901T6 CHAMP-CM6901T6 Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901T6X CHAMP-CM6901T6X Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901XIP CHAMP-CM6901XIP Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
CM6901XIS CHAMP-CM6901XIS Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
More results

Similar Description - CM6901GISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901T6 CHAMP-CM6901T6 Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901 CHAMP-CM6901_12 Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
logo
ON Semiconductor
NCL30159AA ONSEMI-NCL30159AA Datasheet
1Mb / 45P
   LLC Converter Controller with HB Driver
June, 2023 - Rev. P0
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
NXP Semiconductors
TEA2226AT NXP-TEA2226AT_V01 Datasheet
515Kb / 52P
   Digital configurable LLC controller
Rev. 1.1 - 2 November 2023
TEA2226AT NXP-TEA2226AT Datasheet
516Kb / 54P
   Digital configurable LLC controller
Rev. 1 - 14 July 2023
logo
Monolithic Power System...
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com