Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6802AGIP Datasheet(PDF) 8 Page - Champion Microelectronic Corp.

Part # CM6802AGIP
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802AGIP Datasheet(HTML) 8 Page - Champion Microelectronic Corp.

Back Button CM6802AGIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 11Page - Champion Microelectronic Corp. CM6802AGIP Datasheet HTML 12Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.4
Champion Microelectronic Corporation
8
ELECTRICAL CHARACTERISTICS (Conti.) Unless otherwise stated, these specifications apply
Vcc=+14V, RT = 7.75kΩ, CT = 1000pF, TA=Operating Temperature Range (Note 1)
CM6802A/B/AH/BH
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Reference
Output Voltage
TA = 25℃, I(VREF) = 0mA
7.3
7.5
7.7
V
Line Regulation
11V < VCC < 16.5V@ T=25℃
3
5
mV
VCC=10.5V,0mA < I(VREF) < 2mA;
@ T=25℃
25
50
mV
Load Regulation
VCC=14V,0mA < I(VREF) < 3.5mA;
TA = -40℃~85℃
25
50
mV
Temperature Stability
0.4
%
Total Variation
Line, Load, Temp
7.2
7.8
V
Long Term Stability
TJ = 125℃, 1000HRs
5
25
mV
PFC
Minimum Duty Cycle
IEAO > 4.5V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
95
97
%
IOUT = -20mA @ T=25℃
11.5
15
ohm
IOUT = -100mA @ T=25℃
18
ohm
Output Low Rdson
IOUT = 10mA, VCC = 9V @ T=25℃
0.5
1
V
IOUT = 20mA @ T=25℃
24
30
ohm
Output High Rdson
IOUT = 100mA @ T=25℃
40
ohm
Rise/Fall Time (Note 4)
CL = 100pF @ T=25℃
50
ns
PWM
Duty Cycle Range
0-49.5
0-50
%
IOUT = -20mA @ T=25℃
11.5
15
ohm
IOUT = -100mA @ T=25℃
18
ohm
Output Low Rdson
IOUT = 10mA, VCC = 9V
0.5
1
V
IOUT = 20mA @ T=25℃
26.5
40
ohm
Output High Rdson
IOUT = 100mA @ T=25℃
40
ohm
Rise/Fall Time (Note 4)
CL = 100pF
50
ns
PWM Comparator Level Shift
1.6
1.8
2
V
Soft Start
Soft Start Current
Room Temperature=25℃
7
8.5
10.5
μ A
Supply
Start-Up Current
VCC = 12V, CL = 0 @ T=25℃
50
65
μ A
Operating Current
14V, CL = 0
2.5
3.5
mA
Undervoltage Lockout Threshold
CM6802A/B/AH/BH
12.35
12.85
13.45
V
Undervoltage Lockout Hysteresis
CM6802A/B/AH/BH
2.8
2.95
3.1
V
Shunt Regulator (VCC zener)
Zener Threshold Voltage
Apply VCC with Iop=20mA
16.2
16.8
17.4
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Includes all bias currents to other circuits connected to the VFB pin.
Note 3: Gain ~ K x 5.3V; K = (ISENSE – IOFFSET) x [IAC (VEAO – 0.7)]
-1; VEAOMAX = 6V
Note 4: Guaranteed by design, not 100% production test.


Similar Part No. - CM6802AGIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AH CHAMP-CM6802AH Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802AGIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802SAH CHAMP-CM6802SAH Datasheet
827Kb / 25P
   EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com