Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6800XIP Datasheet(PDF) 6 Page - Champion Microelectronic Corp.

Part # CM6800XIP
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800XIP Datasheet(HTML) 6 Page - Champion Microelectronic Corp.

Back Button CM6800XIP Datasheet HTML 2Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6800XIP Datasheet HTML 10Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CM6800
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2008/10/23 Rev. 2.1
Champion Microelectronic Corporation
Page 6
ELECTRICAL CHARACTERISTICS (Conti.) Unless otherwise stated, these specifications apply
Vcc=+15V, RT = 30.16kΩ, CT =1000pF, TA=Operating Temperature Range (Note 1)
CM6800
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Oscillator
Initial Accuracy
TA = 25℃
60
70
kHz
Voltage Stability
11V < VCC < 16.5V
1
%
Temperature Stability
2
%
Total Variation
Line, Temp
52
74
kHz
Ramp Valley to Peak Voltage
2.5
V
PFC Dead Time (Note 4)
360
640
ns
CT Discharge Current
VRAMP2 = 0V, VRAMP1 = 2.5V
6.5
15
mA
Reference
Output Voltage
TA = 25℃, I(VREF) = 1mA
7.4
7.5
7.6
V
Line Regulation
11V < VCC < 16.5V
10
25
mV
0mA < I(VREF) < 7mA; TA = 0℃~70℃
10
20
mV
Load Regulation
0mA < I(VREF) < 5mA; TA = -40℃~85℃
10
20
mV
Temperature Stability
0.4
%
Total Variation
Line, Load, Temp
7.35
7.65
V
Long Term Stability
TJ = 125℃, 1000HRs
5
25
mV
PFC
Minimum Duty Cycle
VIEAO > 4.0V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
92
95
%
IOUT = -20mA at room temp
15
ohm
IOUT = -100mA at room temp
15
ohm
Output Low Rdson
IOUT = 10mA, VCC = 9V at room temp
0.4
0.8
V
IOUT = 20mA at room temp
15
20
ohm
Output High Rdson
IOUT = 100mA at room temp
15
20
ohm
Rise/Fall Time (Note 4)
CL = 1000pF
50
ns
PWM
Duty Cycle Range
0-43
0-47
0-49
%
IOUT = -20mA at room temp
15
ohm
IOUT = -100mA at room temp
15
ohm
Output Low Rdson
IOUT = 10mA, VCC = 9V
0.4
0.8
V
IOUT = 20mA at room temp
15
20
ohm
Output High Rdson
IOUT = 100mA at room temp
15
20
ohm
Rise/Fall Time (Note 4)
CL = 1000pF
50
ns
PWM Comparator Level Shift
1.4
1.55
1.7
V
Supply
Start-Up Current
VCC = 12V, CL = 0 at room temp
100
150
μ A
Operating Current
14V, CL = 0
3.0
7.0
mA
Undervoltage Lockout Threshold
CM6800
12.74
13
13.26
V
Undervoltage Lockout Hysteresis
CM6800
2.85
3.0
3.15
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Includes all bias currents to other circuits connected to the VFB pin.
Note 3: Gain = K x 5.375V; K = (ISENSE – IOFFSET) x [IAC (VEAO – 0.625)]
-1; VEAOMAX = 6V
Note 4: Guaranteed by design, not 100% production test.


Similar Part No. - CM6800XIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800AGIP CHAMP-CM6800AGIP Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800AGIP CHAMP-CM6800AGIP Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6800XIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com