Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3706AGIM25 Datasheet(PDF) 6 Page - Champion Microelectronic Corp.

Part # CM3706AGIM25
Description  1.5MHz, 600mA Synchronous Step-Down Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM3706AGIM25 Datasheet(HTML) 6 Page - Champion Microelectronic Corp.

Back Button CM3706AGIM25 Datasheet HTML 2Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 3Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 4Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 5Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 6Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 7Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 8Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 9Page - Champion Microelectronic Corp. CM3706AGIM25 Datasheet HTML 10Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CM3706A
1.5MHz, 600mA Synchronous Step-Down Regulator
2008/03/07 Rev. 1.0
Champion Microelectronic Corporation
Page 6
FUNCTIONAL DESCRIPTION
Operation
CM3706A is a monolithic switching mode Step-Down DC-DC
converter. It utilizes internal MOSFETs to achieve high
efficiency and can generate very low output voltage by using
internal reference at 0.6V. It operates at a fixed switching
frequency, and uses the slope compensated current mode
architecture. This Step-Down DC-DC Converter supplies
600mA output current at VIN = 3V with input voltage range
from 2.5V to 6.5V.
Current Mode PWM Control
Slope compensated current mode PWM control provides
stable switching and cycle-by-cycle current limit for excellent
load and line responses and protection of the internal main
switch (P-Ch MOSFET) and synchronous rectifier (N-CH
MOSFET). During normal operation, the internal P-Ch
MOSFET is turned on for a certain time to ramp the inductor
current at each rising edge of the internal oscillator, and
switched off when the peak inductor current is above the
error voltage. The current comparator, ICOMP, limitsthe peak
inductor current. When the main switch is off, the synchronous
rectifier will be turned on immediately and stay on until either
the inductor current starts to reverse, as indicated by the
current reversal comparator, IZERO, or the beginning of the
next clock cycle.
The OVDET comparator controls output
transient overshoots by turning the main switch off and
keeping it off until the fault is no longer present.
Dropout Operation
When the input voltage decreases toward the value of the
output voltage, the CM3706A allows the main switch to
remain on for more than one switching cycle and increases
the duty cycle (Note 5) until it reaches 100%. The output
voltage then is the input voltageminus the voltage drop across
the main switch and the inductor. At low input supply voltage,
the RDS(ON) of the P-Channel MOSFET increases, and the
efficiency of the converter decreases.
Caution must be
exercised to ensure the heat dissipated not to exceed the
maximum junction temperature of the IC.
Idle Mode Operation
At very light loads, the CM3706A automatically enters Idle
Mode. In the Idle Mode, the inductor current may reach zero
or reverse on each pulse.
The PWM control loop will
automatically skip pulses to
maintain output regulation. The bottom MOSFET is turned
off by the current reversal comparator, IZERO, and the switch
voltage will ring. This is discontinuous mode operation, and
is normal behavior for the switching regulator.
Maximum Load Current
The CM3706A will operate with input supply voltage as
low as 2.5V, however, the maximum load current
decreases at lower input due to large IR drop on the
main switch and synchronous rectifier.
The slope
compensation signal reduces the peak inductor current
as a function of the duty cycle to prevent sub-harmonic
oscillations
at
duty
cycles
greater
than
50%.
Conversely the current limit increases as the duty cycle
decreases.
Note 5
: The duty cycle D of a step-down converter is defined
as:
%
100
%
100
×
×
×
=
IN
OUT
OSC
ON
V
V
f
T
D
where TON is the main switch on time, and fOSC is the oscillator
frequency (1.5Mhz).


Similar Part No. - CM3706AGIM25

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706GIM25 CHAMP-CM3706GIM25 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706IM25 CHAMP-CM3706IM25 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results

Similar Description - CM3706AGIM25

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.8 LINER-LTC3406-1.8_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com