Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3706A Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CM3706A
Description  1.5MHz, 600mA Synchronous Step-Down Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM3706A Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CM3706A Datasheet HTML 1Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 2Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 3Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 4Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 5Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 6Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 7Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 8Page - Champion Microelectronic Corp. CM3706A Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CM3706A
1.5MHz, 600mA Synchronous Step-Down Regulator
2008/03/07 Rev. 1.0
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, these specifications apply T
A=25°C;
VIN=+3.6V)
maximum ratings are stress ratings only and functional device operation is not implied.
Parameter
Conditions
MIN
TYP
MAX
unit
Input Voltage Range
2.5
6.5
V
VFB=0.5V
300
400
µA
Input DC Supply Current
Active Mode
Shutdown Mode
VFB=0V, VIN=4.2V
0.1
1.0
µA
TA = +25°C
0.5880
0.6000
0.6120
V
TA= 0°C ≤ TA ≤ 85°C
0.5865
0.6000
0.6135
V
Regulated Feedback Voltage
TA= -40°C ≤ TA ≤ 85°C
0.5820
0.6000
0.6180
V
VFB Input Bias Current
VFB = 0.65V
±30
nA
Reference Voltage Line
Regulation
VIN = 2.5V to 5.5V,
0.01
0.4
%/V
Output Voltage Line Regulation
VIN = 2.5V to 5.5V,IOUT=10mA
0.04
0.40
%/V
Output Voltage Load Regulation
IOUT from 10 to 600mA
0.0015
%/mA
Peak Inductor Current
VIN=3V, VFB=0.5V or VOUT=90%
Duty Cycle <35%
0.75
1.00
1.25
A
Oscillator Frequency
VFB=0.6V or VOUT=100%
1.2
1.5
1.8
MHz
RDS(ON) of P-CH MOSFET
ISW = 300mA
0.4
0.50
RDS(ON) of N-CH MOSFET
ISW = -300mA
0.35
0.45
SW Leakage
VRUN = 0V, VSW= 0V or 5V, VIN = 5V
±0.01
±1
µA
RUN Threshold
-40°C ≤ TA ≤ 85°C
0.3
0.45
1.5
V
RUN Leakage Current
±0.1
±1
µA
Thermal Shutdown Trip
Threshold
150
Output over voltage lockout
ΔVOVL = VOVL – VFB
60
mV
Note 4:
100% production test at +25°C. Specifications over the temperature range are guaranteed by design and
characterization.


Similar Part No. - CM3706A

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706GIM25 CHAMP-CM3706GIM25 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706IM25 CHAMP-CM3706IM25 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results

Similar Description - CM3706A

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.8 LINER-LTC3406-1.8_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com