Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTKHF310AV Datasheet(PDF) 2 Page - MMD Components

Part # MTKHF310AV
Description  SMD TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTKHF310AV Datasheet(HTML) 2 Page - MMD Components

  MTKHF310AV Datasheet HTML 1Page - MMD Components MTKHF310AV Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
15
20
25
30
50
Code
Temp
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
G
0°C TO +70°C
C
-20°C TO +70°C
D
-30°C TO +70°C
E
-30°C TO +80°C
F
-40°C TO +85°C
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
10.16 [.400]
14.73 [.580]
6.10 [.240]
7.11 [.280]
5.08 [.200]
1.52 [.060]
1.02 [.040]
1
2
3
5
6
4
6.35 [.250]
2.54 [.100]
5.08 [.200]
1.27 [.050]
2.54 [.100]
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT HERMETICALLY SEALED
RECOMMENDED
LAND PATTERN
DIMENSION IN BRACKETS ARE IN INCHES
TOLERANCE: ±0.25 [.010]
TRIMMER ACCESS OPTION
Output
Pin 4
Suppy Voltage (Vcc)
Comp Output
Pin 6
Pin 5
Voltage Control
No Connection or
Pin Connections
Enable / Disable
Case Ground
Pin 1
Pin 3
Pin 2
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
MARKING DETAIL:
MXXXXX
SYYWWL
XXXXX
Line 1 = MXXXXX
M
=
MMD COMPONENTS
XXXXX
=
Frequency in MHZ
Line 2 = SYYMML
S
=
Internal Code
YYMM
=
4 Digit Date Code (Year / Month)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTKH012308A


Similar Part No. - MTKHF310AV

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTKH MMD-MTKH Datasheet
179Kb / 2P
   MTKH, MTKL, & MTKV SERIES TCXO
MTKH3 MMD-MTKH3 Datasheet
179Kb / 2P
   Industry Standard Package
MTKH MMD-MTKH_12 Datasheet
179Kb / 2P
   MTKH, MTKL, & MTKV SERIES TCXO
More results

Similar Description - MTKHF310AV

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
   SMD TCXO
KTM AITSEMI-KTM Datasheet
246Kb / 1P
   SMD TCXO
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
   SMD VC-TCXO
logo
Fox Electronics
FOX551 FOX-FOX551 Datasheet
353Kb / 1P
   SMD HCMOS TCXO
FOX751 FOX-FOX751 Datasheet
487Kb / 1P
   SMD HCMOS TCXO
logo
Kyocera Kinseki Corpota...
DTCXO-15A KSS-DTCXO-15A Datasheet
52Kb / 1P
   SMD-Digital TCXO
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252_11 Datasheet
117Kb / 1P
   Miniature SMD TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0146A TAI-SAW-TX0146A Datasheet
299Kb / 5P
   SMD 5.0x3.2 24.5535MHz TCXO
TX0279A TAI-SAW-TX0279A Datasheet
213Kb / 6P
   SMD 3.2x2.5 16.367667MHz TCXO
TX0382A TAI-SAW-TX0382A Datasheet
338Kb / 7P
   TCXO SMD 3.2x2.5 13.000MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com