Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA-9089Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA-9089Z
Description  HIGH IP3, MEDIUM POWER DISCRETE SiGe TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA-9089Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA-9089Z Datasheet HTML 1Page - RF Micro Devices SGA-9089Z Datasheet HTML 2Page - RF Micro Devices SGA-9089Z Datasheet HTML 3Page - RF Micro Devices SGA-9089Z Datasheet HTML 4Page - RF Micro Devices SGA-9089Z Datasheet HTML 5Page - RF Micro Devices SGA-9089Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
EDS-105051 Rev F
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA-9089Z
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1RF IN
RF input / Base Bias. External DC blocking capacitor required.
2, 4
GND
Connection to ground. Use via holes to reduce lead inductance. Place via holes as close to lead as possible.
3RF OUT
RF Out / Collector bias. External DC blocking capacitor required.
Preliminary
Pi D
i ti


Similar Part No. - SGA-9089Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-9089Z SIRENZA-SGA-9089Z Datasheet
153Kb / 4P
   High IP3 Medium Power Discrete SiGe Transistor
More results

Similar Description - SGA-9089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA8543Z RFMD-SGA8543Z Datasheet
188Kb / 5P
   HIGH IP3, MEDIUM POWER DISCRETE SiGe TRANSISTOR
logo
SIRENZA MICRODEVICES
SGA-8543Z SIRENZA-SGA-8543Z Datasheet
102Kb / 4P
   High IP3 Medium Power Discrete SiGe Transistor
SGA-9089Z SIRENZA-SGA-9089Z Datasheet
153Kb / 4P
   High IP3 Medium Power Discrete SiGe Transistor
logo
RF Micro Devices
SGA9189Z RFMD-SGA9189Z Datasheet
351Kb / 5P
   Medium Power Discrete SiGe Transistor
logo
SIRENZA MICRODEVICES
SGA-9289 SIRENZA-SGA-9289 Datasheet
100Kb / 4P
   Medium Power Discrete SiGe Transistor
SGA-9189 SIRENZA-SGA-9189 Datasheet
99Kb / 4P
   Medium Power Discrete SiGe Transistor
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com