Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM431AACM235 Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM431AACM235
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431AACM235 Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM431AACM235 Datasheet HTML 1Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 2Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 3Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 4Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 5Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 6Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 7Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 8Page - Champion Microelectronic Corp. CM431AACM235 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
PACKAGE
TOLERANCE
0.5%
1.0%
1.5%
T/R Quantity
SOT-23-3
1
CM431AACM233
CM431ABCM233
CM431AECM233
TR=3K
SOT-23-3
1
CM431AACM2R3
CM431ABCM2R3
CM431AECM2R3
TR=3K
SOT-23-5
1
CM431AACM235
CM431ABCM235
CM431AECM235
TR=3K
SOT-89
1
CM431AACM89
CM431ABCM89
CM431AECM89
TR=1K
TO-92
2
CM431AACN
CM431ABCN
CM431AECN
TA=2K
SOP-8
CM431AACS
CM431ABCS
CM431AECS
SOT-23-3
1
CM431AGACM233*
CM431AGBCM233*
CM431AGECM233*
TR=3K
SOT-23-3
1
CM431AGACM2R3*
CM431AGBCM2R3*
CM431AGECM2R3*
TR=3K
SOT-23-5
1
CM431AGACM235*
CM431AGBCM235*
CM431AGECM235*
TR=3K
SOT-89
1
CM431AGACM89*
CM431AGBCM89*
CM431AGECM89*
TR=1K
TO-92
2
CM431AGACN*
CM431AGBCN*
CM431AGECN*
TA=2K
SOP-8
CM431AGACS*
CM431AGBCS*
CM431AGECS*
Notes:
(1) Add suffix
″TR″for Tape & Reel.
(2) Add suffix
″TA″for Tape Ammo.
(3)
*Note: Add suffix “G” for Pb Free Product


Similar Part No. - CM431AACM235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431AACM235 ETC-CM431AACM235 Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - CM431AACM235

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com