Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTJHA310AA Datasheet(PDF) 2 Page - MMD Components

Part # MTJHA310AA
Description  11.7 x 9.6 SMD Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTJHA310AA Datasheet(HTML) 2 Page - MMD Components

  MTJHA310AA Datasheet HTML 1Page - MMD Components MTJHA310AA Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice
Revision MTJH020907K
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
10
15
20
25
30
50
Code
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
G
0°C TO +70°C
C
-20°C TO +70°C
D
-30°C TO +70°C
F
-40°C TO +85°C
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
9.61 [.378]
MAX
11.70 [0.461]
MAX
7.00 [.276]
7.62 [.300]
1.20 [.047]
8.26 [.325]
7.62 [.300]
2.54 [.100]
2.54 [.100]
1.40 [.055]
1
23
4
A = 3.00 [.118] MAX
B = 5.00 [.197] MAX
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT HERMETICALLY SEALED
RECOMMENDED
LAND PATTERN
OUTPUT
PIN 8
SUPPLY VOLTAGE
PIN 1
PIN 7
PIN CONNECTIONS
VOLTAGE CONTROL
OR NO CONNECTION
CASE GROUND
PIN 14
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Vibration
MIL-STD-883, Method 2007, Condition A
TAPE and DIMENSIONS:
PHASE NOISE:
1.8 [.07]
11.5 [.45]
24.0 [.94]
2.0 [.08]
4.0 [.16]
Ø1.5 [Ø.06]
0.3 [.01]
2.5 [.10]
12.0 [.47]
29.1 [1.15]
24.5 [.96]
100.0 [3.94]
Ø13.0 [Ø.51]
Ø20.2 [Ø.80]
2.0 [.08]
DIMENSIONS IN BRACKETS ARE IN INCHES
DRAWING IS NOT TO SCALE
330.0 [13.00]
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTJHA310AA

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTJH MMD-MTJH Datasheet
161Kb / 2P
   MTJH, MTJS, & MTJZ SERIES TCXO
MTJH5 MMD-MTJH5 Datasheet
161Kb / 2P
   Voltage Control Option
MTJH MMD-MTJH_12 Datasheet
161Kb / 2P
   MTJH, MTJS, & MTJZ SERIES TCXO
More results

Similar Description - MTJHA310AA

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTCH MMD-MTCH Datasheet
437Kb / 2P
   11.7 x 9.6 SMD Package
MTCH5 MMD-MTCH5 Datasheet
145Kb / 2P
   11.7 X 9.6 SMD Package
logo
Transko Electronics, In...
TX-F6 TRANSKO-TX-F6 Datasheet
495Kb / 2P
   TCXO/VCTCXO 6PAD SMD PACKAGE (11.4 x 9.6 mm)
Rev. 2: Jul. 2015
logo
EUROQUARTZ limited
GDA62 EUROQUARTZ-GDA62 Datasheet
161Kb / 1P
   11.4 x 9.6 x 2.5mm SMD
EQHM44R EUROQUARTZ-EQHM44R Datasheet
259Kb / 2P
   11.4 x 9.6 x 4.7mm SMD
HSR43 EUROQUARTZ-HSR43 Datasheet
157Kb / 1P
   11.4 x 9.6 x 3.0mm SMD
HSR42 EUROQUARTZ-HSR42 Datasheet
162Kb / 1P
   11.4 x 9.6 x 2.5mm SMD
GDA64 EUROQUARTZ-GDA64 Datasheet
161Kb / 1P
   11.4 x 9.6 x 4.7mm SMD
GDF62 EUROQUARTZ-GDF62 Datasheet
103Kb / 1P
   11.4 x 9.6 x 2.5mm SMD VCXO
GPA64 EUROQUARTZ-GPA64 Datasheet
103Kb / 1P
   11.4 x 9.6 x 4.7mm SMD VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com