Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXXBC1 Datasheet(PDF) 1 Page - MMD Components

Part # SXXBC1
Description  4.0mm X 2.5mm SMD Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

SXXBC1 Datasheet(HTML) 1 Page - MMD Components

  SXXBC1 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision S031008E
S Series Crystal
4.0mm X 2.5mm SMD Package
Wide Frequency Range
RoHS Compliant
Tight Tolerance and Stability
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
ESR
(Ohms)
Mode / Cut
12.000MHz to 16.000MHz
80 Max
Fund / AT
16.000MHz to 30.000MHz
60 Max
Fund / AT
30.000MHz to 50.000MHz
40 Max
Fund / AT
MARKING:
Frequency Range
12.000MHz to 50.000MHz
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±5ppm / first year max
Shunt Capacitance
5pF Max
Load Capacitance
(See Part Number Guide for Options)
Equivalent Series Resistance
(ESR)
See ESR Chart
Drive Level
10µW Typ / 100µW Max
Insulation Resistance
500 Megaohms Min at 100VDC ±15VDC
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
MECHANICAL DETAILS:
4.20 [.165]
MAX
2.70 [.106]
MAX
0.75 [.030]
MAX
0.90 [.035]
1.00 [.039]
3.00 [.118]
1.40 [.055]
3.00 [.118]
1.60 [.063]
1.20 [.047]
1.40 [.055]
DIMENSION IN BRACKETS ARE IN INCHES
RECOMMENDED
LAND PATTERN
PART NUMBER GUIDE:
Frequency
Packaging
Blank = Bulk
T = Tape and Reel
4mm x 2.5mm
4 pads
Load Capacitance
XX = XXpF (9pF to 50pF)
Temperature
Tolerance/Stability
B = ±30 ppm / ±50 ppm
F = ±30 ppm / ±30 ppm
G = ±10 ppm / ±30 ppm
N = ±10 ppm / ±10 ppm
Mode of Operation
1 = Fundamental
Please Consult with MMD Sales Deparment for any other Parameters or Options
F = -30°C to +85°c
1
S
Operating Temperature
B = -20°C to +70°c
A = 0°C to +70°c
C = -40°C to +85°c
D = -10°C to +60°c
E = -10°C to +70°c
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - SXXBC1

ManufacturerPart #DatasheetDescription
logo
Hind Rectifiers Limited...
SXXBN26 HIRECT-SXXBN26 Datasheet
84Kb / 5P
   Rectifier Diode
SXXBN71 HIRECT-SXXBN71 Datasheet
74Kb / 5P
   Rectifier Diode
SXXBR26 HIRECT-SXXBR26 Datasheet
84Kb / 5P
   Rectifier Diode
SXXBR71 HIRECT-SXXBR71 Datasheet
74Kb / 5P
   Rectifier Diode
More results

Similar Description - SXXBC1

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C4BS FOX-C4BS Datasheet
218Kb / 3P
   4.0mm x 2.5mm Ceramic SMD Crystal
logo
Transko Electronics, In...
TX-G TRANSKO-TX-G Datasheet
489Kb / 2P
   TCXO/VCTCXO 6PAD SMD PACKAGE (11.4 x 11.6 x 4.0mm)
Rev. 1: Dec. 2014
logo
MMD Components
TXXBA1 MMD-TXXBA1 Datasheet
77Kb / 1P
   3.2mm X 2.5mm SMD
logo
Transko Electronics, In...
TPRH6D38F TRANSKO-TPRH6D38F Datasheet
745Kb / 3P
   Power Inductor SMD (6.7 X 6.7 X 4.0mm)
Rev 2: 10-22-2019
TPI10040F TRANSKO-TPI10040F Datasheet
781Kb / 3P
   Power Inductor SMD (10.3 X 11.5 X 4.0mm)
Rev 1: 05-09-2018
logo
EUROQUARTZ limited
GDA62 EUROQUARTZ-GDA62 Datasheet
161Kb / 1P
   11.4 x 9.6 x 2.5mm SMD
HSR42 EUROQUARTZ-HSR42 Datasheet
162Kb / 1P
   11.4 x 9.6 x 2.5mm SMD
logo
Transko Electronics, In...
TRSI5040F TRANSKO-TRSI5040F Datasheet
729Kb / 3P
   Resin Shielded Inductor SMD (5.0 X 5.0 X 4.0mm)
Rev 2: 11-04-2019
logo
EUROQUARTZ limited
EQ3225 EUROQUARTZ-EQ3225 Datasheet
197Kb / 1P
   3.2 x 2.5mm SMD TCXO
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
   3.2 X 2.5mm SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com