Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC3216CRF Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC3216CRF
Description  13.56 MHz CryptoRF짰 EEPROM Memory 32 Kbits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC3216CRF Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC3216CRF_09 Datasheet HTML 1Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 2Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 3Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 4Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 5Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 6Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 7Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 8Page - ATMEL Corporation AT88SC3216CRF_09 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
5005DS–CRRF–04/09
AT88SC3216CRF
• RFU – Reserved for Future Use: any feature, memory location, or bit that is held as reserved
for future use
• $ xx – Hexadecimal Number: denotes a hex number “xx” (Most Significant Bit on left)
3.1
Anticollision Protocol
When the PICC enters the 13.56 MHz RF field of the host reader (PCD), it performs a power on
reset (POR) function and waits silently for a valid Type B polling command. The CryptoRF PICC
processes the antitearing registers as part of the POR process.
The PCD initiates the anticollision process by issuing an REQB or WUPB command. The WUPB
command activates any card (PICC) in the field with a matching AFI code. The REQB command
performs the same function but does not affect a PICC in the Halt state. The CryptoRF com-
mand set is available only after the anticollision process has been completed.
3.2
CRC Error Detection
A two-byte CRC_B is required in each frame transmitted by the PICC or PCD to permit transmis-
sion error detection. The CRC_B is calculated on all of the command and data bytes in the
frame. The SOF, EOF, start bits, stop bits, and EGT are not included in the CRC_B calculation.
The two-byte CRC_B follows the data bytes in the frame.
Figure 3-1.
Location of the Two CRC_B Bytes within a Frame
3.3
Type A Tolerance
The RF Interface is designed for use in multiprotocol applications. It will not latch or lock up if
exposed to Type A signals and will not respond to them. The PICC may reset in the presence of
Type A field modulation but is not damaged by exposure to Type A signals.
SOF
K data bytes
CRC1
CRC2
EOF


Similar Part No. - AT88SC3216CRF_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC3216CRF-L01B ATMEL-AT88SC3216CRF-L01B Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC3216CRF-MR1 ATMEL-AT88SC3216CRF-MR1 Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC3216CRF-MR1 ATMEL-AT88SC3216CRF-MR1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC3216CRF-MS1 ATMEL-AT88SC3216CRF-MS1 Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC3216CRF-MU1 ATMEL-AT88SC3216CRF-MU1 Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
More results

Similar Description - AT88SC3216CRF_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616CRF ATMEL-AT88SC1616CRF_09 Datasheet
170Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 16 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_09 Datasheet
169Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_09 Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 64 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
248Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com