Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTGH Datasheet(PDF) 1 Page - MMD Components

Part # MTGH
Description  Standard 14 Dip/4 TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTGH Datasheet(HTML) 1 Page - MMD Components

  MTGH Datasheet HTML 1Page - MMD Components MTGH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice
Revision MTGH020907F
MTGH, MTGS, and MTGZ Series
Standard 14 Dip/4 TCXO
RoHS Compliant Available
Stability Available to ±1 ppm
Operating Voltage +3.3VDC or +5.0VDC
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Output
HCMOS
Clipped Sinewave
Sinewave
Frequency Range
1.000MHZ to 160.000MHZ
8.000MHZ to 160.000MHZ
8.000MHZ to 160.000MHZ
Load
10k Ohms // 15pF
10k Ohms // 15pF
50 Ohms
Supply Current
35mA max
3mA max
25mA max
Output Level
Logic “1” = 90% of Vdd min
Logic “0” = 10% of Vdd max
1.0V p-p min
7 dBm
Symmetry
40%/60% at 50% of
Waveform
N/A
N/A
Freq. Stability vs Temp (Note 1)
(See Frequency Stability vs Temperature Table)
Freq. Stability vs Aging
±1 ppm per year max
Freq. Stability vs Voltage
±0.3 ppm with a 5% change in Vdd
Freq. Stability vs Load
±0.3 ppm with a 10% change in Load
Operature Temperature
(See Frequency Stability vs Temperature Table)
Storage Temperature
-40°C to +85°C
Supply Voltage (Vdd)
+3.3VDC ±5%
+5.0VDC ±5%
Control Voltage with VC option
+1.65VDC ±1.50VDC Positive Slope
+2.50VDC ±2.00VDC Positive Slope
Pin 1 Connection
No Connection
No Connection
VC Option
±10 ppm min
Mechanical Trimmer
±3 ppm min
PART NUMBER GUIDE:
Frequency
MT
Please Consult with MMD Sales Department for any other Parameters or Options
Supply Voltage
5 = +5 VDC
3 = +3.3 VDC
Frequency
Stability
10 = ±1.0 ppm
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Output
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Operating
Temperature
A = 0°C to +50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Pin 1 Connection
Blank = No Connect
V = Voltage Control
Series Option
G = G Series (w/ Trimmer)
RoHS Compliant
Blank = Not Compliant
F = is Compliant
Value Added Options
G = Gull-Wing
CLXXX = Cut Leads
XXX = lead length code
14 pin DIP
G
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTGH

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MTG SCHURTER-MTG Datasheet
255Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
MTG SCHURTER-MTG Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
logo
Adam Technologies, Inc.
MTG-06 ADAM-TECH-MTG-06 Datasheet
87Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX ADAM-TECH-MTG-06-XX Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX-V0 ADAM-TECH-MTG-06-XX-V0 Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
More results

Similar Description - MTGH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTFH5 MMD-MTFH5 Datasheet
108Kb / 2P
   Standard 14 Dip/4 Package
MTFH MMD-MTFH Datasheet
151Kb / 3P
   Standard 14 Dip/4 Package
logo
Connor-Winfield Corpora...
ATV562 CONNOR-WINFIELD-ATV562 Datasheet
39Kb / 1P
   14 PIN DIP HCMOS TCXO
ATV622 CONNOR-WINFIELD-ATV622 Datasheet
62Kb / 1P
   14 PIN DIP HCMOS TCXO
ATV561 CONNOR-WINFIELD-ATV561 Datasheet
61Kb / 1P
   14 PIN DIP HCMOS TCXO
ATV2G CONNOR-WINFIELD-ATV2G Datasheet
99Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
HTFL680 CONNOR-WINFIELD-HTFL680 Datasheet
204Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
ATV1 CONNOR-WINFIELD-ATV1 Datasheet
84Kb / 2P
   14 PIN DIP CMOS/TTL TCXO
ATV2G5 CONNOR-WINFIELD-ATV2G5 Datasheet
104Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com