Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5G42-8B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SF5G42-8B
Description  SILICON PLANAR TYPE (MEDIUM POWER CONTROL APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SF5G42-8B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SF5G42-8B Datasheet HTML 1Page - Toshiba Semiconductor SF5G42-8B Datasheet HTML 2Page - Toshiba Semiconductor SF5G42-8B Datasheet HTML 3Page - Toshiba Semiconductor SF5G42-8B Datasheet HTML 4Page - Toshiba Semiconductor SF5G42-8B Datasheet HTML 5Page - Toshiba Semiconductor SF5G42-8B Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SF5G42,SF5J42
2001-07-10
2
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Off−State Current and
Repetitive Peak Reverse Current
IDRM
IRRM
VDRM = VRRM = Rated
Tj = 125°C, RGK = 330Ω
2
mA
Peak On−State Voltage
VTM
ITM = 15A
1.6
V
Gate Trigger Voltage
VGT
0.8
V
Gate Trigger Current
IGT
VD = 6V, RL = 100Ω
RGK = 330Ω
200
µA
Gate Non−Trigger Voltage
VGD
VD = Rated × 2 / 3, Tc = 125°C
0.2
V
Critical Rate of Rise of Off−State Voltage
dv / dt
VDRM = Rated × 2 / 3, Tc = 75°C
RGK = 330Ω, Exponential Rise
50
V / µs
Holding Current
IH
RL = 100Ω, RGK = 330Ω
4
mA
Thermal Resistance
Rth (j−c)
Junction to Case
3
°C / W
MARKING
NUMBER
SYMBOL
MARK
SF5G42
SF5G42
*1
TYPE
SF5J42
SF5J42
*2
Example
8A : January 1998
8B : February 1998
8L : December 1998


Similar Part No. - SF5G42-8B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SF5G42 KERSEMI-SF5G42 Datasheet
999Kb / 5P
   THYRISITOR SILICON PLANAR TYPE
More results

Similar Description - SF5G42-8B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF8G48 TOSHIBA-SF8G48 Datasheet
227Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF8G41A TOSHIBA-SF8G41A Datasheet
234Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF25GZ51 TOSHIBA-SF25GZ51 Datasheet
239Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF16JZ51 TOSHIBA-SF16JZ51 Datasheet
242Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
logo
Diodes Incorporated
ZTX600 DIODES-ZTX600 Datasheet
80Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
logo
SeCoS Halbleitertechnol...
PZT2907A SECOS-PZT2907A Datasheet
297Kb / 2P
   Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
ZTX692B DIODES-ZTX692B_15 Datasheet
73Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
logo
SeCoS Halbleitertechnol...
PZT2222A-C SECOS-PZT2222A-C Datasheet
323Kb / 3P
   Silicon Planar Medium Power Transistor
PZT3906-C SECOS-PZT3906-C Datasheet
224Kb / 2P
   Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
ZTX604 DIODES-ZTX604 Datasheet
83Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com