Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8402B-80LQ Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT8402B-80LQ
Description  MP3 Audio Decoder IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8402B-80LQ Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT8402B-80LQ Datasheet HTML 1Page - Princeton Technology Corp PT8402B-80LQ Datasheet HTML 2Page - Princeton Technology Corp PT8402B-80LQ Datasheet HTML 3Page - Princeton Technology Corp PT8402B-80LQ Datasheet HTML 4Page - Princeton Technology Corp PT8402B-80LQ Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8402B V1.0
- 4 -
June, 2005
MP3 Audio Decoder IC
PT8402B
APPLICATION CIRCUIT
PT8402B
BCK1
Osc.
B_ENA1
BD1
IICD
IICC
DATA_REQ
ADC
ACKI2
ALRI2
ADI2
/RST
MIC
OP
AUXR
AUXL
10
µ
0.1
µ
100K
inR
100K
inL
10K
10K
560P
2700P
1
µ
To
headphone
220 µ
To
headphone
10K
10K
10K
560P
2700P
1
µ
10K
100P
100P
VREF2
DACR
LPF1R_IN
LPF1R_OUT
DACIN_R
OUTR
DACL
LPF1L_IN
LPF1L_OUT
DACIN_L
OUTL
220
µ
LPF2R_IN
LPF2L_IN
Figure 3. PT8402B Typical Connection Diagram


Similar Part No. - PT8402B-80LQ

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8402B-80LQ PTC-PT8402B-80LQ Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
More results

Similar Description - PT8402B-80LQ

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8402B PTC-PT8402B_10 Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
   MP3 Audio Decoder
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
   MP3 AUDIO DECODER
logo
Princeton Technology Co...
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
logo
VLSI Solution Oy
VS1011 VLSI-VS1011 Datasheet
600Kb / 49P
   VS1011e - MP3 AUDIO DECODER
Version: 1.23, 2017-09-08
logo
Princeton Technology Co...
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
logo
ATMEL Corporation
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com