Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2366L-MS Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2366L-MS
Description  1W Class-AB Audio Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2366L-MS Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2366L-MS Datasheet HTML 1Page - Princeton Technology Corp PT2366L-MS Datasheet HTML 2Page - Princeton Technology Corp PT2366L-MS Datasheet HTML 3Page - Princeton Technology Corp PT2366L-MS Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT2366L
1W Class-AB Audio Power Amplifier
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT2366L is an audio power amplifier IC utilizing
advanced CMOS technology. It can deliver 1W power
output under 5V supply voltage. The power
consumption is very low in stand-by mode.
Built-in over-temperature protection, package size is
not occupies PCB space. It is suitable for small or
portable products.
APPLICATIONS
• DSC, PDA
• LCD TV or Monitor
• Electronic dictionary
• Multimedia speaker
• Other A/V applications
FEATURES
• CMOS technology
• Output power 1W (8Ω)
• Low harmonics distortion
• Built-in pop and click noise suppress
• Shutdown function, turn on can into save mode
(Icc<0.1µA)
• Built-in over-temperature protection
BLOCK DIAGRAM


Similar Part No. - PT2366L-MS

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2366L-MS PTC-PT2366L-MS Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
More results

Similar Description - PT2366L-MS

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
   1W Class AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203A AITSEMI-A2203A Datasheet
2Mb / 16P
   CLASS AB 1W DIFFERENTIAL AUDIO POWER AMPLIFIERS
REV1.0
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
   AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
   AB/D class switching audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM4890 HMSEMI-HM4890 Datasheet
760Kb / 11P
   1 Watt CLASS-AB Audio Power Amplifier
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com