Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2312E Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2312E
Description  Stereo Audio Processor for Car Audio
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2312E Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2312E Datasheet HTML 1Page - Princeton Technology Corp PT2312E Datasheet HTML 2Page - Princeton Technology Corp PT2312E Datasheet HTML 3Page - Princeton Technology Corp PT2312E Datasheet HTML 4Page - Princeton Technology Corp PT2312E Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PT2312E
PRE1.0
4
September 2009
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
REF
-
Reference voltage
1
VDD
-
Supply input
2
AGND
-
Analog ground
3
NC
-
No Connect
4
TREB_L
I
L-CH treble input
5
TREB_R
I
R-CH treble input
6
RIN
I
R-CH volume input
7
ROUT
O
R-CH mux output
8
LOUD_R
I
R-CH loudness input
9
RIN4
I
R-CH input 4
10
RIN3
I
R-CH input 3
11
RIN2
I
R-CH input 2
12
RIN1
I
R-CH input 1
13
NC
-
No Connect
14
LOUD_L
I
L-CH loudness input
15
LIN4
I
L-CH input 4
16
LIN3
I
L-CH input 3
17
LIN2
I
L-CH input 2
18
LIN1
I
L-CH input 1
19
LIN
I
L-CH volume input
20
LOUT
O
L-CH mux output
21
BIN_L
I
L-CH bass input
22
BOUT_L
O
L-CH bass output
23
BIN_R
I
R-CH bass input
24
BOUT_R
O
R-CH bass output
25
RROUT
O
Right rear output
26
LROUT
O
Left rear output
27
RFOUT
O
Right front output
28
LFOUT
O
Left front output
29
DGND
-
Digital ground
30
SDA
I
I
2C data input
31
SCL
I
I
2C clock input
32
* Pin 4 in the PT2312 and PT2312A is for “CODE” function and always pull-high by external connection, the PT2312E
modified to internally pull-high so pin 4 becomes to NC status.


Similar Part No. - PT2312E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E-S PTC-PT2312E-S Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
More results

Similar Description - PT2312E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2347 PTC-PT2347 Datasheet
213Kb / 3P
   Stereo Audio Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com