Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13212R2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC13212R2
Description  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13212R2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13212R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.8
10
Freescale Semiconductor
19
PTC7
Digital
Input/Output
MCU Port C Bit 7
20
PTE0/TXD1
Digital
Input/Output
MCU Port E Bit 0 / SCI1 TX
data out
21
PTE1/RXD1
Digital
Input/Output
MCU Port E Bit 1/ SCI1 RX
data in
22
VDDD
Power Output Modem regulated output
supply voltage
Decouple to ground.
23
VDDINT
Power Input
Modem digital interface
supply
2.0 to 3.4 V. Decouple to ground. Connect to
Battery.
24
GPIO51
Digital
Input/Output
General Purpose
Input/Output 5.
See Footnote 1
25
GPIO61
Digital
Input/Output
Modem General Purpose
Input/Output 6
See Footnote 1
26
GPIO71
Digital
Input/Output
Modem General Purpose
Input/Output 7
See Footnote 1
27
XTAL1
Input
Modem crystal reference
oscillator input
Connect to 16 MHz crystal and load capacitor.
28
XTAL2
Input/Output
Modem crystal reference
oscillator output
Connect to 16 MHz crystal and load capacitor. Do
not load this pin by using it as a 16 MHz source.
Measure 16 MHz output at CLKO, programmed for
16 MHz.
29
VDDLO2
Power Input
Modem LO2 VDD supply
Connect to VDDA externally.
30
VDDLO1
Power Input
Modem LO1 VDD supply
Connect to VDDA externally.
31
VDDVCO
Power Output Modem VCO regulated
supply bypass
Decouple to ground.
32
VBATT
Power Input
Modem voltage regulators’
input
Decouple to ground. Connect to Battery.
33
VDDA
Power Output Modem analog regulated
supply output
Decouple to ground. Connect to directly VDDLO1
and VDDLO2 externally and to PAO_P and PAO_M
through a bias network.
34
CT_Bias
RF Control
Output
Modem bias
voltage/control signal for
RF external components
When used with internal T/R switch, provides
ground reference for RX and VDDA reference for
TX. Can also be used as a control signal with
external LNA, antenna switch, and/or PA (high level
is VDDA).
35
RFIN_M
RF Input
(Output)
Modem RF input/output
negative
When used with internal T/R switch, this is a
bi-directional RF port for the internal LNA and PA
36
RFIN_P
RF Input
(Output)
Modem RF input/output
positive
When used with internal T/R switch, this is a
bi-directional RF port for the internal LNA and PA
37
NC
Not used
May be grounded or left open
Table 2. Pin Function Description (continued)
Pin #
Pin Name
Type
Description
Functionality


Similar Part No. - MC13212R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13212R2 FREESCALE-MC13212R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13212R2 FREESCALE-MC13212R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13212R2 NXP-MC13212R2 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results

Similar Description - MC13212R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com