Electronic Components Datasheet Search |
|
MC13211 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MC13211 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 70 page MC13211/212/213 Technical Data, Rev. 1.8 2 Freescale Semiconductor MCU allows the communications stack and also the application to reside on the same system-in-package (SIP). The MC1321x family is organized as follows: • The MC13211 has 16KB of flash and 1KB of RAM and is an ideal solution for low cost, proprietary applications that require wireless point-to-point or star network connectivity. The MC13211 combined with the Freescale Simple MAC (SMAC) provides the foundation for proprietary applications by supplying the necessary source code and application examples to get users started on implementing wireless connectivity. • The MC13212 contains 32K of flash and 2KB of RAM and is intended for use with the Freescale fully compliant 802.15.4 MAC. Custom networks based on the 802.15.4 Standard MAC can be implemented to fit user needs. The 802.15.4 Standard supports star, mesh and cluster tree topologies as well as beaconed networks. • The MC13213 contains 60K of flash and 4KB of RAM and is also intended for use with the Freescale fully compliant 802.15.4 MAC and the fully ZigBee compliant Freescale BeeStack. WARNING • The MC1321x now uses an updated version of the 689S08A 8-bit microprocessor to correct errata associated with the onboard FLL and reset pin. Refer to the associated errata for this new device, Document Number MSE9S08GB60A_4L11Y, on the Freescale web site. • The MC1321x also now uses an updated version of the transceiver device that is functionally fully compliant with earlier versions of the transceiver. However, for proper performance of the radio the following modem registers must be over-programmed: Register 0x31 to 0xA0C0 Register 0x34 to 0xFEC6 These registers must be over-programmed for MC1321x devices in which the modem Chip_ID Register 0x2C reads 0x6800. Applications include, but are not limited to, the following: • Residential and commercial automation — Lighting control — Security — Access control — Heating, ventilation, air-conditioning (HVAC) — Automated meter reading (AMR) • Industrial Control — Asset tracking and monitoring — Homeland security — Process management — Environmental monitoring and control |
Similar Part No. - MC13211 |
|
Similar Description - MC13211 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |