Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-200-124 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # TS-200-124
Description  200W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-200-124 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-200-124 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-200-124 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
Type-A
Type-B
ENVIRONMENTTEMPERATURE(
)
-10
10
20
30
40
35
50
60
70
(HORIZONTAL)
20
40
50
60
80
100
DeratingCurve
TS-200-2xx
TS-200-1xx
Unit:mm
FileName:TS-200-SPEC2009-07-22
T S - 2 0 0 series
Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:200W
TS
200
112 A
200W TrueSineWaveDC-ACPowerInverter
A :TYPE
B :TYPE
C:TYPE
D:TYPE
E:TYPE
F:TYPE
A
B
C
D
E
F
OUTLET
OUTLET
OUTLET
OUTLET
OUTLET
OUTLET
Status
Setting
ACOUTPUT
ACOUTPUT
24.82
Status
Setting
147
158
9
11
8.9
TYPE-A
Receptacletype
Country
Certificate
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
ACOutputReceptacles(optional)
E
E
E
13
13
13
0


Similar Part No. - TS-200-124

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TS-200-124 MEANWELL-TS-200-124 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-200-124 MEANWELL-TS-200-124 Datasheet
361Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-200-124A MEANWELL-TS-200-124A Datasheet
112Kb / 1P
   DC/AC Inverter 200~700W True Sine Wave
More results

Similar Description - TS-200-124

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_12 Datasheet
361Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1000 MEANWELL-TS-1000_11 Datasheet
580Kb / 2P
   1000W True Sine Wave DC-AC Power Inverter
TS-400-112 MEANWELL-TS-400-112 Datasheet
366Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-700 MEANWELL-TS-700 Datasheet
370Kb / 2P
   700W True Sine Wave DC-AC Power Inverter
TS-1000 MEANWELL-TS-1000 Datasheet
570Kb / 2P
   1000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com