Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2704IGW-14TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2704IGW-14TRPBF
Description  Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2704IGW-14TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2704IGW-14TRPBF Datasheet HTML 1Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 2Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 3Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 4Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 5Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 6Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 7Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 8Page - Linear Technology LTC2704IGW-14TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC2704
3
2704fb
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
LTC2704-12
LTC2704-14
LTC2704-16
UNITS
MIN TYP
MAX
MIN TYP
MAX
MIN TYP MAX
Accuracy
Resolution
12
14
16
Bits
Monotonicity
12
14
16
Bits
INL
Integral Nonlinearity
VREF = 5V
±1
±1
±2
LSB
DNL
Differential Nonlinearity
VREF = 5V
±1
±1
±1
LSB
GE
Gain Error
VREF = 5V
±0.5
±2
±1
±5
±4
±20
LSB
Gain Temperature
Coefficient
ΔGain/ΔTemperature
±2
±2
±2
ppm/°C
VOS
Unipolar Zero-Scale
Error
Span = 0V to 5V, TA = 25°C
Span = 0V to 10V, TA = 25°C
Span = 0V to 5V
Span = 0V to 10V
±80
±100
±140
±150
±200
±300
±400
±600
±80
±100
±140
±150
±200
±300
±400
±600
±80
±100
±140
±150
±200
±300
±400
±600
μV
μV
μV
μV
VOS Temperature
Coefficient
0V to 5V Range
0V to 10V Range
±2
±2
±2
±2
±2
±2
μV/°C
μV/°C
BZE
Bipolar Zero
Error
All Bipolar Ranges
±0.25
±1
±2
±0.5
±2
±2.5
±2
±8
±12
LSB
LSB
PSRR
Power Supply
Rejection Ratio
VDD = 5V ±10% (Note 3)
VDD = 3V ±10% (Note 3)
0V to 10V Range, Code = 0
V+/V= ±15V ±10% (Note 2)
V+/V= ±5V ±10%, VREF = 2V (Note 2)
±0.003
±0.006
±0.001
±0.002
±0.06
±0.05
±0.013
±0.025
±0.005
±0.01
±0.25
±0.13
±0.05
±0.1
±0.02
±0.04
±0.1
±0.5
LSB/V
LSB/V
LSB/V
LSB/V
Analog Outputs (Note 4)
Settling Time
0V to 5V Range, 5V Step, to ±1LSB
0V to 10V or ±5V Range,
10V Step, to ±1LSB
±10V Range, 20V Step, to ±1LSB
3
5
8
3.5
5.5
9
4
6
10
μs
μs
μs
Output Swing
V+/V= ±15V, VREF = ±7.25V,
0V to 10V Range, ILOAD = ±3mA (Note 2)
–14.3
14.3
–14.3
14.3
–14.3
14.3
V
V+/V= ±5V, VREF = ±2.25V,
0V to 10V Range, ILOAD = ±2.5mA (Note 2)
–4.5
4.5
–4.5
4.5
–4.5
4.5
V
Load Current
V+/V= ±10.8V to ±16.5V, VREF = ±5V,
0V to 10V Range, VOUT = ±10V (Note 2)
±5
±4
±5
±4
±5
±4
mA
mA
V+/V= ±4.5V to ±16.5V, VREF = ±2V,
0V to 10V Range, VOUT = ±4V (Note 2)
±3
±2.7
±3
±2.7
±3
±2.7
mA
mA
Load Regulation
V+/V= ±15V, VREF = 5V,
0V to 10V Range, Code = 0, ±5mA Load
(Note 2)
±0.005
±0.01
±0.04
LSB/mA
V+/V= ±5V, VREF = 2V,
0V to 10V Range, Code = 0, ±3mA Load
(Note 2)
±0.01
±0.013
±0.05
LSB/mA
Output
Impedance
VREF = 5V, 0V to 10V Range,
Code = 0, ±5mA Load
0.015
0.006
0.006
Ω
ISC
Short-Circuit
Current
V+/V= ±16.5V, VREF = 5V, ±10V Range
Code = 0, VOUT Shorted to V+ (Note 2)
Code = Full Scale, VOUT Shorted to V
–36
38
–36
38
–36
38
mA
mA
V+/V= ±5.5V, VREF = 2V, ±10V Range
Code = 0, VOUT Shorted to V+ (Note 2)
Code = Full Scale, VOUT Shorted to V
–36
38
–36
38
–36
38
mA
mA
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C, V+1 = V+2 = 15V, V= –15V, VDD = 5V, REF1 = REF2 = 5V, AGND = AGNDx =
REFG1 = REFG2 = GND = 0V.


Similar Part No. - LTC2704IGW-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704IGW-14 LINER-LTC2704IGW-14 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
More results

Similar Description - LTC2704IGW-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com