Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2472IDDTRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2472IDDTRPBF
Description  System Monitoring
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2472IDDTRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2472IDDTRPBF Datasheet HTML 3Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 4Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 5Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 6Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 7Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 8Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 9Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 10Page - Linear Technology LTC2472IDDTRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2470/LTC2472
7
24702f
APPLICATIONS INFORMATION
CONVERTER OPERATION
Converter Operation Cycle
The LTC2470/LTC2472 are low power, delta sigma, analog
to digital converters with a simple SPI interface and a user
selected 250sps/1ksps output rate (see Figure 1). The
LTC2472 has a fully differential input while the LTC2470 is
single-ended. Both are pin and software compatible. Their
operation is composed of three distinct states: CONVERT,
SLEEP/NAP, and DATA INPUT/OUTPUT. The operation
begins with the CONVERT state (see Figure 2). Once the
conversion is finished, the converter automatically pow-
ers down (NAP) or under user control, both the converter
and reference are powered down (SLEEP). The conversion
result is held in a static register while the device is in this
state. The cycle concludes with the DATA INPUT/OUTPUT
state. Once all 16-bits are read or an abort is initiated the
device begins a new conversion.
The CONVERT state duration is determined by the
LTC2470/LTC2472 conversion time (nominally 4ms or
1ms depending on the selected output rate). Once started,
this operation can not be aborted except by a low power
supply condition (VCC < 2.1V) which generates an internal
power-on reset signal.
After the completion of a conversion, the LTC2470/LTC2472
enters the SLEEP/NAP state and remains there until the
chip select is LOW (CS = LOW). Following this condition,
the ADC transitions into the DATA INPUT/OUTPUT state.
Figure 2. LTC2470/LTC2472 State Transition Diagram
While in the SLEEP/NAP state, when chip select input is
HIGH (CS = HIGH), the LTC2470/LTC2472’s converters are
powered down. This reduces the supply current by approxi-
mately 70%. While in the NAP state the reference remains
powered up. The user can power down both the reference
and the converter by enabling the sleep mode during the
DATA INPUT/OUTPUT state. Once the next conversion is
DATA INPUT/OUTPUT
SLEEP/NAP
CONVERT
POWER-ON RESET
YES
24602 F02
16TH FALLING
EDGE OF SCK
OR
CS = HIGH?
CS = LOW?
NO
YES
NO
BLOCK DIAGRAM
Figure 1. Functional Block Diagram
ΔΣ A/D
CONVERTER
DECIMATING
SINC FILTER
SDO
REFOUT
COMP
REF
IN+
(IN)
IN
(GND)
SCK
CS
24702 BD
ΔΣ A/D
CONVERTER
INTERNAL
REFERENCE
( ) PARENTHESIS INDICATE LTC2470
SPI
INTERFACE
INTERNAL
OSCILLATOR
1
VCC
12
2
3
5
6
SDI
4
8
GND
7, 11, 13 DD PACKAGE
7, 11 MS PACKAGE
9
10


Similar Part No. - LTC2472IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2472 LINER-LTC2472_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2472IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
PULCOMAB-10 ACCRETECH-PULCOMAB-10 Datasheet
2Mb / 20P
   PROCESS MONITORING SYSTEM
logo
OmniVision Technologies...
OX01A10 OMNIVISION-OX01A10 Datasheet
671Kb / 2P
   Camera Monitoring System
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Balluff Korea Ltd.
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
   Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
   Smart Automation and Monitoring System
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
   Lithium Ion Battery Monitoring System
Rev. PrD
logo
Balluff Korea Ltd.
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
   Smart Automation and Monitoring System
logo
MKS Instruments.
VISION2000-P MKS-VISION2000-P Datasheet
353Kb / 4P
   HIGH PERFORMANCE PROCESS MONITORING SYSTEM
logo
Balluff Korea Ltd.
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
   Smart Automation and Monitoring System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com