Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4100EGTRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4100EGTRPBF
Description  Smart Battery Charger Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EGTRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4100EGTRPBF Datasheet HTML 4Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 5Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 6Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 7Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 8Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 9Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 10Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 11Page - Linear Technology LTC4100EGTRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC4100
8
4100fb
PIN FUNCTIONS
ILIM(Pin13):Anexternalresistorisconnectedbetweenthis
pin and GND. The value of the external resistor programs
the range and resolution of the programmed charger cur-
rent. This is a digital, not an analog, function.
VLIM (Pin 14): An external resistor is connected between
this pin and GND. The value of the external resistor pro-
grams the range and resolution of the charging voltage.
This is a digital, not an analog, function.
THB (Pin 15): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB and
SafetySignal is 1nF (see Figure 4). A series resistor 54.9k
needs to be connected between this pin and the battery’s
SafetySignal for this circuit to work correctly.
THA (Pin 16): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB
and SafetySignal is 1nF (see Figure 4). A series resistor
1130Ω needs to be connected between this pin and the
battery’s SafetySignal for this circuit to work correctly.
VDD (Pin 17): Power Supply Input for the LTC4100 Digital
Circuitry. Bypass this pin with 0.1μF. Typically between
3.3V and 5VDC.
VSET (Pin 18): Tap Point of the Programmable Resistor
Divider, which Provides Battery Voltage Feedback to the
Charger.
ITH (Pin 19): Control Signal of the Inner Loop of the Current
Mode PWM. Higher ITH corresponds to higher charging
current in normal operation. A 0.0015μF capacitor to GND
filters out PWM ripple. Typical full-scale output current is
40μA. Nominal voltage range for this pin is 0V to 3V.
IDC (Pin 20): Bypass to GND with a 0.068μF Capacitor.
CSP (Pin 21): Current Amplifier CA1 Input. This pin
and the BAT pin measure the voltage across the sense
resistor, RSENSE, to provide the instantaneous current
signals required for both peak and average current mode
operation.
BAT (Pin 22): Battery Sense Input and the Negative Refer-
ence for the Current Sense Resistor. A bypass capacitor
of at least 10μF is required.
CLN (Pin 23): Negative Input to the Input Current Limiting
Circuit Block. If no current limit function is desired, connect
this pin to CLP. The threshold is set at 100mV below the
voltage at the CLP pin. When used to limit supply current,
a filter is needed to filter out the switching noise.
CLP (Pin 24): Positive Input to the Input Current Limiting
Circuit Block. This pin also serves as a power supply for
the IC.


Similar Part No. - LTC4100EGTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100EG LINER-LTC4100EG Datasheet
251Kb / 24P
   Smart Battery Charger Controller
More results

Similar Description - LTC4100EGTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
   Smart Battery Charger
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
   Standard Battery Charger Controller
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
   Standard Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com