Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4100EGPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4100EGPBF
Description  Smart Battery Charger Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EGPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4100EGPBF Datasheet HTML 3Page - Linear Technology LTC4100EGPBF Datasheet HTML 4Page - Linear Technology LTC4100EGPBF Datasheet HTML 5Page - Linear Technology LTC4100EGPBF Datasheet HTML 6Page - Linear Technology LTC4100EGPBF Datasheet HTML 7Page - Linear Technology LTC4100EGPBF Datasheet HTML 8Page - Linear Technology LTC4100EGPBF Datasheet HTML 9Page - Linear Technology LTC4100EGPBF Datasheet HTML 10Page - Linear Technology LTC4100EGPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC4100
7
4100fb
TYPICAL PERFORMANCE CHARACTERISTICS
Charging Current Error
Charging Voltage Error
CHARGING CURRENT (A)
0
0.4
0.2
0.3
0.1
0
–0.1
–0.2
–0.3
–0.4
1
4100 G10
2
4
3
DCIN = 15V, NoLowI
DCIN = 20V, NoLowI
DCIN = 15V, LowI
DCIN = 20V, LowI
VDD = 5V
TEMP = 27°C
VLOAD = 12V
CHARGING VOLTAGE (V)
0
0.150
0.100
0.125
0.075
0.050
0
0.025
–0.025
–0.050
–0.075
–0.100
–0.125
–0.150
16
4100 G11
4
2
6
10
14
18
8
12
22
20
DCIN = 15V
VDD = 5V
TEMP = 27°C
ILOAD = 0.120A
DCIN = 20V
PIN FUNCTIONS
TGATE (Pin 1): Drives the Top External P-MOSFET of the
Battery Charger Buck Converter.
PGND (Pin 2): High Current Ground Return for BGATE
Driver.
BGATE (Pin 3): Drives the Bottom External N-MOSFET of
the Battery Charger Buck Converter.
INFET (Pin 4): Drives the Gate of the External Input
P-MOSFET.
DCIN (Pin 5): External DC Power Source Input. Bypass to
ground with a 0.1μF capacitor.
CHGEN (Pin 6): Digital Bidirectional Pin to Enable Charger
Function. This pin is connected as a wired AND bus.
The following events will cause the POWER_FAIL bit in
the ChargerStatus register to become set:
1. An external device pulling the CHGEN signal to within
0.9V to GND;
2. The AC adapter voltage is not above the battery volt-
age.
SMBALERT (Pin 7): Active Low Interrupt Output to Host
(referred to as the SMBALERT# signal in the SMBus Revi-
sion 1.1 specification). Signals host that there has been a
change of status in the charger registers and that the host
should read the LTC4100 status registers to determine if
any action on its part is required. This signal can be con-
nected to the optional SMBALERT# line of the SMBus.
Open drain with weak current source pull-up to VDD (with
Schottky to allow it to be pulled to 5V externally).
SDA (Pin 8): SMBus Data Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
SCL (Pin 9): SMBus Clock Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
ACP (Pin 10): This Output Indicates the Value of the
DCDIV Comparator. It can be used to indicate whether
AC is present or not.
DCDIV (Pin 11): Supply Divider Input. This is a high im-
pedance comparator input with a 1.2V threshold (rising
edge) and hysteresis.
GND (Pin 12): Ground for Digital and Analog Circuitry.


Similar Part No. - LTC4100EGPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100EG LINER-LTC4100EG Datasheet
251Kb / 24P
   Smart Battery Charger Controller
More results

Similar Description - LTC4100EGPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
   Smart Battery Charger
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
   Standard Battery Charger Controller
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
   Standard Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com