Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2905IDDBTRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2905IDDBTRMPBF
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905IDDBTRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2905IDDBTRMPBF Datasheet HTML 7Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 8Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 9Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 10Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 11Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 12Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 13Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 14Page - Linear Technology LTC2905IDDBTRMPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2904/LTC2905
11
29045fd
In any supervisory application, supply noise riding on
the monitored DC voltage can cause spurious resets,
particularly when the monitored voltage is near the reset
threshold. A less desirable but common solution to this
problem is to introduce hysteresis around the nominal
threshold. Notice however, this hysteresis introduces an
error term in the threshold accuracy. Therefore, a
±2.5%
accurate monitor with
±1.0% hysteresis is equivalent to
a
±3.5% monitor with no hysteresis.
The LTC2904/LTC2905 takes a different approach to solve
this problem of supply noise causing spurious reset. The
first line of defense against this spurious reset is a first
order low pass filter at the output of the comparator. Thus,
the comparator output goes through a form of integration
before triggering the output logic. Therefore, any kind of
transient at the input of the comparator needs to be of
sufficient magnitude and duration before it can trigger a
change in the output logic.
The second line of defense is the programmed delay time
tRST (200ms for LTC2904 and using an external capacitor
for LTC2905). This delay will eliminate the effect of any
supply noise whose frequency is above 1/tRST on the RST
and RST output.
When either V1 or V2 drops below its programmed thresh-
old, the RST pin asserts low (RST weakly pulls high). Then
when the supply recovers above the programmed thresh-
old, the reset-pulse-generator timer starts counting.
If the supply remains above the programmed threshold
when the timer finishes counting, the RST pin weakly
pulls high (RST asserts low). However, if the supply falls
below the programmed threshold any time during the
period when the timer is still counting, the timer resets
and it starts fresh when the supply next rises above the
programmed threshold.
Note that this second line of defense is only effective
for a rising supply and does not affect the sensitivity of
the system to a falling supply. Therefore, the first line of
defense that works for both cases of rising and falling is
necessary. These two approaches prevent spurious reset
caused by supply noise without sacrificing the threshold
accuracy.
APPLICATIONS INFORMATION
Selecting the Reset Timing Capacitor
The reset timeout period for LTC2905 is adjustable in order
to accommodate a variety of microprocessor applications.
Connecting a capacitor, CTMR, between the TMR pin and
ground sets the reset timeout period, tRST. The following
formula determines the value of capacitor needed for a
particular reset timeout period:
CTMR = tRST • 110 • 10–9 [F/s]
For example, using a standard capacitor value of 22nF
would give a 22000/110 = 200ms delay.
Figure 1 shows the desired delay time as a function of the
value of the timer capacitor that should be used:
Leaving the TMR pin open with no external capacitor gen-
erates a reset timeout of approximately 200μs. For long
reset timeout, the only limitation is the availability of large
value capacitor with low leakage. The TMR capacitor will
never charge if the leakage current exceeds the minimum
TMR charging current of 2.1μA (typical).
Figure 1. Reset Timeout Period vs Capacitance
CTMR (FARAD)
10p
100p
1n
10n
100n
29045 F01
10000
1000
100
10
1
0.1


Similar Part No. - LTC2905IDDBTRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2905IDDB LINER-LTC2905IDDB Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
More results

Similar Description - LTC2905IDDBTRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905 LINER-LTC2905_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2907 LINER-LTC2907_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906 Datasheet
191Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com