Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2470CMSPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2470CMSPBF
Description  System Monitoring
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2470CMSPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2470CMSPBF Datasheet HTML 4Page - Linear Technology LTC2470CMSPBF Datasheet HTML 5Page - Linear Technology LTC2470CMSPBF Datasheet HTML 6Page - Linear Technology LTC2470CMSPBF Datasheet HTML 7Page - Linear Technology LTC2470CMSPBF Datasheet HTML 8Page - Linear Technology LTC2470CMSPBF Datasheet HTML 9Page - Linear Technology LTC2470CMSPBF Datasheet HTML 10Page - Linear Technology LTC2470CMSPBF Datasheet HTML 11Page - Linear Technology LTC2470CMSPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2470/LTC2472
8
24702f
APPLICATIONS INFORMATION
complete, the SLEEP state is entered and power is reduced
to 2μA (maximum). The reference is powered up once CS
is brought low. The reference startup time is 12ms (if the
reference and compensation capacitor values are both
0.1μF). As the reference and compensation capacitors are
decreased, the startup time is reduced (see Figure 3), but
the transition noise increases (see Figure 4).
Upon entering the DATA INPUT/OUTPUT state, SDO
outputs the sign (D15) of the conversion result. During
this state, the ADC shifts the conversion result serially
through the SDO output pin under the control of the SCK
input pin. There is no latency in generating this data and
the result corresponds to the last completed conversion.
A new bit of data appears at the SDO pin following each
falling edge detected at the SCK input pin and appears
from MSB to LSB. The user can reliably latch this data
on every rising edge of the external serial clock signal
driving the SCK pin.
During the DATA INPUT/OUTPUT state, the LTC2470/
LTC2472 can be programmed to SLEEP or NAP (default)
and the output rate can be updated. Data is shifted into
the device through the SDI pin on the rising edge of SCK.
The input word is 4 bits. If the first bit EN1 = 1 and the
second bit EN2 = 0 the device is enabled for programming.
The following two bits (SPD and SLP) will be written into
the device. SPD is used to select the output rate. If SPD =
0 (Default) the output rate is 250sps and SPD = 1 sets a
1ksps output rate. The next bit (SLP) enables the sleep
or nap mode. If SLP = 0 (default) the reference remains
powered up at the end of each conversion cycle. If SLP =
1, the reference powers down following the next conver-
sion cycle. The remaining 12 SDI input bits are ignored
(don’t care).
SDI may also be tied directly to GND or VDD in order to
simplify the user interface. If SDI is tied LOW the output
rate is 250sps and if SDI is tied HIGH the output rate is
1ksps. The reference sleep mode is disabled if SDI is tied
to GND or VDD.
The DATA INPUT/OUTPUT state concludes in one of two
different ways. First, the DATA INPUT/OUTPUT state opera-
tion is completed once all 16 data bits have been shifted
out and the clock then goes low. This corresponds to the
16th falling edge of SCK. Second, the DATA INPUT/OUT-
PUT state can be aborted at any time by a LOW-to-HIGH
transition on the CS input. Following either one of these
two actions, the LTC2470/LTC2472 will enter the CONVERT
state and initiate a new conversion cycle.
Power-Up Sequence
When the power supply voltage (VCC) applied to the con-
verter is below approximately 2.1V, the ADC performs a
power-on reset. This feature guarantees the integrity of
the conversion result.
When VCC rises above this critical threshold, the converter
generates an internal power-on reset (POR) signal for
approximately 0.5ms. For proper operation VDD needs
to be restored to normal operating range (2.7V to 5.5V)
Figure 4. Transition Noise RMS vs COMP and
Reference Capacitance
Figure 3. Reference Start-Up Time vs VREF and
Compensation Capacitance
CAPACITANCE (μF)
1
50
150
250
24702 F03
–50
0
100
200
0.1
0.01
0.001
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
0.001
0.01
0.1
0.0001
10
1
CAPACITANCE (μF)
24702 F04
0
5
10
15
20
25


Similar Part No. - LTC2470CMSPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2470 LINER-LTC2470_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2470CMSPBF

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
PULCOMAB-10 ACCRETECH-PULCOMAB-10 Datasheet
2Mb / 20P
   PROCESS MONITORING SYSTEM
logo
OmniVision Technologies...
OX01A10 OMNIVISION-OX01A10 Datasheet
671Kb / 2P
   Camera Monitoring System
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Balluff Korea Ltd.
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
   Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
   Smart Automation and Monitoring System
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
   Lithium Ion Battery Monitoring System
Rev. PrD
logo
Balluff Korea Ltd.
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
   Smart Automation and Monitoring System
logo
MKS Instruments.
VISION2000-P MKS-VISION2000-P Datasheet
353Kb / 4P
   HIGH PERFORMANCE PROCESS MONITORING SYSTEM
logo
Balluff Korea Ltd.
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
   Smart Automation and Monitoring System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com