Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2605CGNTRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2605CGNTRPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605CGNTRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2605CGNTRPBF Datasheet HTML 1Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 2Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 3Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 4Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 5Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 6Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 7Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 8Page - Linear Technology LTC2605CGNTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC2605/LTC2615/LTC2625
4
2605fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O (Note 9)
VIL
Low Level Input Voltage (SDA and SCL)
l
0.3VCC
V
VIH
High Level Input Voltage (SDA and SCL)
l
0.7VCC
V
VIL(CA)
Low Level Input Voltage (CA0 to CA2)
See Test Circuit 1
l
0.15VCC
V
VIH(CA)
High Level Input Voltage (CA0 to CA2)
See Test Circuit 1
l
0.85VCC
V
RINH
Resistance from CAn (n = 0,1,2) to VCC
to Set CAn = VCC
See Test Circuit 2
l
10
RINL
Resistance from CAn (n = 0,1,2) to GND
to Set CAn = GND
See Test Circuit 2
l
10
RINF
Resistance from CAn (n = 0,1,2) to VCC
or GND to Set CAn = FLOAT
See Test Circuit 2
l
2MΩ
VOL
Low Level Output Voltage
Sink Current = 3mA
l
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX), CB = 10pF to 400pF
(Note 7)
l 20 + 0.1CB
250
ns
tSP
Pulse Width of Spikes Surpassed by
Input Filter
l
050
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
1μA
CIN
I/O Pin Capacitance
(Note 12)
l
10
pF
CB
Capacitance Load for Each Bus Line
l
400
pF
CCAn
External Capacitive Load on Address
Pins CA0, CA1 and CA2
l
10
pF
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
LTC2625/LTC2625-1 LTC2615/LTC2615-1 LTC2605/LTC2605-1
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
AC Performance
tS
Settling Time (Note 5)
±0.024% (±1LSB at 12 Bits)
±0.006% (±1LSB at 14 Bits)
±0.0015% (±1LSB at 16 Bits)
77
9
7
9
10
μs
μs
μs
Settling Time for 1LSB Step
(Note 6)
±0.024% (±1LSB at 12 Bits)
±0.006% (±1LSB at 14 Bits)
±0.0015% (±1LSB at 16 Bits)
2.7
2.7
4.8
2.7
4.8
5.2
μs
μs
μs
Voltage Output Slew Rate
0.80
0.80
0.80
V/μs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Inpulse
At Mid-Scale Transition
12
12
12
nV•s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise Density
At f = 1kHz
At f = 10kHz
120
100
120
100
120
100
nV/√Hz
nV/√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
μVP-P


Similar Part No. - LTC2605CGNTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2605CGN LINER-LTC2605CGN Datasheet
317Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605CGN-1 LINER-LTC2605CGN-1 Datasheet
317Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2605CGNTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
   Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com