Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2470IDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2470IDDPBF
Description  System Monitoring
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2470IDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2470IDDPBF Datasheet HTML 2Page - Linear Technology LTC2470IDDPBF Datasheet HTML 3Page - Linear Technology LTC2470IDDPBF Datasheet HTML 4Page - Linear Technology LTC2470IDDPBF Datasheet HTML 5Page - Linear Technology LTC2470IDDPBF Datasheet HTML 6Page - Linear Technology LTC2470IDDPBF Datasheet HTML 7Page - Linear Technology LTC2470IDDPBF Datasheet HTML 8Page - Linear Technology LTC2470IDDPBF Datasheet HTML 9Page - Linear Technology LTC2470IDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2470/LTC2472
6
24702f
PIN FUNCTIONS
REFOUT (Pin 1): Reference Output Pin. Nominally 1.25V,
this voltage sets the full-scale input range of the ADC. For
noise and reference stability connect to a 0.1μF capacitor
tied to GND. This capacitor value must be less than or
equal to the capacitor tied to the reference compensation
pin (COMP). REFOUT cannot be overdriven by an external
reference.
COMP (Pin 2): Internal Reference Compensation Pin. For
low noise and reference stability, tie a 0.1μF capacitor
to GND.
CS (Pin 3): Chip Select (Active LOW) Digital Input. A LOW
on this pin enables the SDO output. A HIGH on this pin
places the SDO output pin in a high impedance state and
any inputs on SDI and SCK will be ignored.
SDI (Pin 4): Serial Data Input Pin. This pin is used to pro-
gram the sleep mode and the 250sps/1ksps output rate.
SCK (Pin 5): Serial Clock Input. SCK synchronizes the
serial data input/output. Once the conversion is complete,
a new data bit is produced at the SDO pin following each
SCK falling edge. Data is shifted into the SDI pin on each
rising edge of SCK.
SDO (Pin 6): Three-State Serial Data Output. SDO is used
for serial data output during the DATA INPUT/OUTPUT
state. This pin goes Hi-Z when CS is high.
GND (Pins 7, 11, Exposed Pad Pin 13 – DFN Package):
Ground. Connect directly to the ground plane through a
low impedance connection.
REF(Pin 8):
Negative Reference Input to the ADC. The
voltage on this pin sets the zero input to the ADC. This
pin should be tied directly to ground or the ground sense
of the input sensor.
IN+ (LTC2472), IN (LTC2470) (Pin 9):
Positive input volt-
age for the LTC2472 differential device. ADC input for the
LTC2470 single-ended device.
IN(LTC2472), GND (LTC2470) (Pin 10):
Negative input
voltage for the LTC2472 differential device. GND for the
LTC2470 single-ended device.
VCC (Pin 12): Positive Supply Voltage. Bypass to GND
with a 10μF capacitor in parallel with a low-series-induc-
tance 0.1μF capacitor located as close to the device as
possible.
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, unless otherwise noted)
Power Supply Rejection
vs Frequency Applied to VCC
Conversion Time vs Temperature
10
100
1k
1
100k
1M
10k
10M
FREQUENCY AT VCC (Hz)
0
24702 G010
–120
–100
–80
–60
–40
–20
TA = 25°C
TEMPERATURE (°C)
–50
24702 G11
4.4
4.0
4.1
4.2
4.3
3.9
3.8
–25
25
50
75
0
100
VCC = 2.7V
VCC = 4.1V
VCC = 5.5V
VREF vs VCC
2.0
3.5
2.5
4.0
3.0
5.0
5.5
4.5
6.0
VCC (V)
1.250345
1.250340
24702 G12
1.250305
1.250310
1.250315
1.250320
1.250325
1.250330
1.250335
TA = 25°C


Similar Part No. - LTC2470IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2470 LINER-LTC2470_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2470IDDPBF

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
PULCOMAB-10 ACCRETECH-PULCOMAB-10 Datasheet
2Mb / 20P
   PROCESS MONITORING SYSTEM
logo
OmniVision Technologies...
OX01A10 OMNIVISION-OX01A10 Datasheet
671Kb / 2P
   Camera Monitoring System
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Balluff Korea Ltd.
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
   Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
   Smart Automation and Monitoring System
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
   Lithium Ion Battery Monitoring System
Rev. PrD
logo
Balluff Korea Ltd.
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
   Smart Automation and Monitoring System
logo
MKS Instruments.
VISION2000-P MKS-VISION2000-P Datasheet
353Kb / 4P
   HIGH PERFORMANCE PROCESS MONITORING SYSTEM
logo
Balluff Korea Ltd.
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
   Smart Automation and Monitoring System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com