Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3743IFEPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3743IFEPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743IFEPBF Datasheet(HTML) 4 Page - Linear Technology

  LT3743IFEPBF Datasheet HTML 1Page - Linear Technology LT3743IFEPBF Datasheet HTML 2Page - Linear Technology LT3743IFEPBF Datasheet HTML 3Page - Linear Technology LT3743IFEPBF Datasheet HTML 4Page - Linear Technology LT3743IFEPBF Datasheet HTML 5Page - Linear Technology LT3743IFEPBF Datasheet HTML 6Page - Linear Technology LT3743IFEPBF Datasheet HTML 7Page - Linear Technology LT3743IFEPBF Datasheet HTML 8Page - Linear Technology LT3743IFEPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3743
4
3743f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VEN/UVLO = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWMG Control Signals
CTRL_SEL High to PWMGL Low Delay
10
40
ns
CTRL_SEL High to PWMGH High Delay
150
200
ns
CTRL_SEL Low to PWMGH Low Delay
30
60
ns
CTRL_SEL Low to PWMGL High Delay
170
220
ns
PWMGH and PWMGL Pull-up Impedance
3.2
Ω
PWMGH and PWMGL Pull-Down Impedance
1.75
Ω
Current Control Loop gm Amp
Offset Voltage
l
–2.75
0
2.75
mV
Input Common Mode Range
VCM(LOW)
VCM(HIGH)
VCM(HIGH) Measured from VIN to VCM
0
2
V
V
Output Impedance
3.5
gm
375
475
625
μA/V
Differential Gain
1.7
mV/V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3743 will function with a supply voltage as low as 4.5V, but
to keep the gate drive voltages above 4V, the VCC_INT pin must be tied to
VIN for operation below 6.0V
Note 3: The LT3743E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3743I is guaranteed to meet performance specifications over the –40°C
to 125°C operating junction temperature range.
Note 4: The minimum on and off times are guaranteed by design and are
not tested.


Similar Part No. - LT3743IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743IFEPBF LINER-LT3743IFEPBF Datasheet
403Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
More results

Similar Description - LT3743IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743 LINER-LT3743_15 Datasheet
532Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3743 LINER-LT3743_10 Datasheet
403Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3744 LINER-LT3744 Datasheet
277Kb / 6P
   High Current Synchronous Step-Down LED Driver
LT3744 LINER-LT3744_15 Datasheet
813Kb / 32P
   High Current Synchronous Step-Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM6105 HMSEMI-HM6105 Datasheet
508Kb / 7P
   Three-function switch step-down LED constant current driver
HM6105A HMSEMI-HM6105A Datasheet
581Kb / 7P
   Three-function switch step-down LED constant current driver
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
   Step-down high-power constant-current three-function LED driver IC
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
   step-down high-power LED constant current driver
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
   36V, 2A Synchronous Step-Down LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com