Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1468CDD-2TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1468CDD-2TRPBF
Description  16-Bit DAC Current-to-Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468CDD-2TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT1468CDD-2TRPBF Datasheet HTML 1Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 2Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 3Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 4Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 5Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 6Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 7Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 8Page - Linear Technology LT1468CDD-2TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1468-2
5
14682fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. –40°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes and two 100Ω
series resistors. If the differential input voltage exceeds 0.7V, the input
current should be limited to 10mA. Input voltages outside the supplies will
be clamped by ESD protection devices and input currents should also be
limited to 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: The LT1468C-2 is guaranteed to meet specified performance from
0°C to 70°C and is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40°C and at 85°C. The
LT1468I-2 is guaranteed to meet the extended temperature limits.
Note 5: Slew rate is measured between ±8V on the output with ±12V input
for ±15V supplies and ±2V on the output with ±3V input for ±5V supplies.
Note 6: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2πVP
Note 7: This parameter is not 100% tested.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 10k
VOUT = ±10V, RL = 2k
VOUT = ±2.5V, RL = 10k
VOUT = ±2.5V, RL = 2k
±15V
±15V
±5V
±5V
300
150
300
150
V/mV
V/mV
V/mV
V/mV
VOUT
Output Swing
RL = 10k
RL = 2k
RL = 10k
RL = 2k
±15V
±15V
±5V
±5V
±12.8
±12.6
±2.8
±2.6
V
V
V
V
IOUT
Output Current
VOUT = ±12.5V
VOUT = ±2.5V
±15V
±5V
±7
±7
mA
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±0.2V
±15V
±12
mA
SR
Slew Rate
RL = 2k (Note 5)
±15V
±5V
15
11
V/μs
V/μs
GBW
Gain Bandwidth
f = 100kHz, RL = 2k
±15V
±5V
110
100
200
190
MHz
MHz
IS
Supply Current
±15V
±5V
7.0
6.8
mA
mA
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
and Temperature
Input Common Mode Range
vs Supply Voltage
Input Bias Current
vs Input Common Mode Voltage
SUPPLY VOLTAGE (±V)
0
1
2
3
4
5
6
125°C
25°C
–55°C
7
510
15
20
14682 G01
SUPPLY VOLTAGE (±V)
0
V
1.0
2.0
–2.0
3
6
912
14682 G02
15
–1.0
0.5
1.5
–1.5
V+
–0.5
18
TA = 25°C
ΔVOS < 100μV
INPUT COMMON MODE VOLTAGE (V)
–15
–20
0
20
0
10
14682 G03
–40
–60
–80
–10
–5
5
40
IB
IB
+
60
80
15
VS = ±15V
TA = 25°C


Similar Part No. - LT1468CDD-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468CDD-2-PBF LINER-LT1468CDD-2-PBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468CDD-2-TRPBF LINER-LT1468CDD-2-TRPBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
More results

Similar Description - LT1468CDD-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
Texas Instruments
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
DAC16 AD-DAC16 Datasheet
190Kb / 12P
   16-Bit High Speed Current-Output DAC
REV. B
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
   16-Bit High Speed Current-Output DAC
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
Analog Devices
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com