Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC26011 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNC26011
Description  One Channel Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26011 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNC26011 Datasheet HTML 1Page - SONiX Technology Company SNC26011 Datasheet HTML 2Page - SONiX Technology Company SNC26011 Datasheet HTML 3Page - SONiX Technology Company SNC26011 Datasheet HTML 4Page - SONiX Technology Company SNC26011 Datasheet HTML 5Page - SONiX Technology Company SNC26011 Datasheet HTML 6Page - SONiX Technology Company SNC26011 Datasheet HTML 7Page - SONiX Technology Company SNC26011 Datasheet HTML 8Page - SONiX Technology Company SNC26011 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SNC26011
One Channel Speech Controller
Ver: 1.7
October 14, 2009
2
AMENDENT HISTORY
Version
Date
Description
Ver 1.2
Jan. 7, 2009
First issue
Ver 1.3
Feb. 13, 2009
1. Revise Rosc=220K Ohm in Application Circuit part
Ver 1.4
May 6, 2009
1. Revise frequency guarantee range in electrical
characteristics according IC Test flow
Ver 1.5
June 23, 2009
No modification, just revise version following with
updating SNC26500 IO numbers.
Ver 1.6
July 23, 2009
Revise system clock with 2.05MHz (typical).
Ver 1.7
October 14, 2009
1. Revise PWM output spec condition with BUOx=1/2
VDD (peak value), instead of 1KHz sine wave


Similar Part No. - SNC26011

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC26013 SONIX-SNC26013 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26016 SONIX-SNC26016 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC26017 SONIX-SNC26017 Datasheet
146Kb / 11P
   One Channel Speech Controller
More results

Similar Description - SNC26011

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com