Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC15268 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC15268
Description  One Channel Speech Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC15268 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC15268 Datasheet HTML 2Page - SONiX Technology Company SNC15268 Datasheet HTML 3Page - SONiX Technology Company SNC15268 Datasheet HTML 4Page - SONiX Technology Company SNC15268 Datasheet HTML 5Page - SONiX Technology Company SNC15268 Datasheet HTML 6Page - SONiX Technology Company SNC15268 Datasheet HTML 7Page - SONiX Technology Company SNC15268 Datasheet HTML 8Page - SONiX Technology Company SNC15268 Datasheet HTML 9Page - SONiX Technology Company SNC15268 Datasheet HTML 10Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SNC15268
One Channel Speech Controller
Ver: 1.5
October 30, 2008
6
5.7 PWM Output
An PWM circuit is built-in SNC15268. The maximum resolution of PWM is 8 bits.
Two huge output stage circuits are designed in SNC15268. With this advanced
circuit, the chip is capable of driving speaker directly without external transistors.
BUO1
BUO2
PWM Output
5.8 Watch Dog Timer
SNC15268 built an internal WDT (Watch Dog Timer). This Watchdog timer would
issue resets signal to this chip if it is not cleared before reaching terminal count (1sec).
The watchdog timer is enabled at reset and cannot be disabled.
5.9 IR Function
P23 can be modulated with 38.5KHz square wave before sent out to P23 pin.
The IR signal can be achieved by this modulated signal.
6. ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC


Similar Part No. - SNC15268

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC15200 SONIX-SNC15200 Datasheet
212Kb / 10P
   One Channel Speech Controller
More results

Similar Description - SNC15268

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com