Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC15168 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC15168
Description  One Channel Speech Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC15168 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC15168 Datasheet HTML 1Page - SONiX Technology Company SNC15168 Datasheet HTML 2Page - SONiX Technology Company SNC15168 Datasheet HTML 3Page - SONiX Technology Company SNC15168 Datasheet HTML 4Page - SONiX Technology Company SNC15168 Datasheet HTML 5Page - SONiX Technology Company SNC15168 Datasheet HTML 6Page - SONiX Technology Company SNC15168 Datasheet HTML 7Page - SONiX Technology Company SNC15168 Datasheet HTML 8Page - SONiX Technology Company SNC15168 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SNC15168
One Channel Speech Controller
Ver: 1.5
October 30
, 2008
5
5.3 RAM
SNC15168 contains 128 nibble RAM (128 x 4-bits). The 128 nibble RAM is divided
into two pages (page 0 to page 1, 64 nibble RAM on each page). In our programming
structure, users can use the instructions, PAGE n (n=0 to 1) to switch and indicate the
RAM page. Besides, users can use direct mode, M0 ~ M63 in the data transfer type
instructions, to access all 64 nibbles of each page.
5.4 Power Down Mode
“End” instruction makes the IC entering into Stop Mode will stop the system clock for
power savings (<3uA @VDD=3V and <6uA @VDD=4.5V.) Any valid data transition
(L H or H L) occurring on any IO pin can be used to start the system clock and
return to normal operating mode.
5.5 Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play
diverse voices at different sample playing rates. The playing rate can be adaptively set
up among from the wide ranges of 2.5KHz to 20KHz. This architecture yields a
high-quality voice synthesis that sounds very close to its original source when played
through the same amplifier and speaker circuitry.
5.6 I/O Ports
There are four 4-bit I/O ports P1, P2, P4, and P5. Any I/O can be individually
programmed as either input pull low or output. Any valid data transition (H
L or
L H) of P1, P2, P4, and P5 can reactivate the chip when it is in power-down stage.
I/O Port Configuration
Note:
(1) Weak N-MOS can serve as pull-low resistor.
(2) The driving/sink current of P2 & P5 is up to 8mA/16mA
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak


Similar Part No. - SNC15168

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC15120 SONIX-SNC15120 Datasheet
212Kb / 10P
   One Channel Speech Controller
SNC15120P SONIX-SNC15120P Datasheet
141Kb / 11P
   One Channel Speech Controller OTP
More results

Similar Description - SNC15168

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com