Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61WV51216BLL-10MI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61WV51216BLL-10MI
Description  512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV51216BLL-10MI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61WV51216BLL-10MI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV51216BLL-10MI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. F
10/01/09
IS61WV51216ALL
IS61WV51216BLL
IS64WV51216BLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8
-10
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
ReadCycleTime
8
10
ns
tAA
AddressAccessTime
8
10
ns
tOHA
OutputHoldTime
2.5
2.5
ns
tACE
CEAccessTime
8
10
ns
tDOE
OEAccessTime
5.5
6.5
ns
tHZOE(2)
OEtoHigh-ZOutput
3
4
ns
tLZOE(2)
OEtoLow-ZOutput
0
0
ns
tHZCE(2
CEtoHigh-ZOutput
0
3
0
4
ns
tLZCE(2)
CEtoLow-ZOutput
3
3
ns
tBA
LB,UBAccessTime
5.5
6.5
ns
tHZB(2)
LB,UBtoHigh-ZOutput
0
3
0
3
ns
tLZB(2)
LB,UBtoLow-ZOutput
0
0
ns
tPU
PowerUpTime
0
0
ns
tPD
PowerDownTime
8
10
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof3nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0Vto3.0Vandoutputloading
specifiedinFigure1.
2. TestedwiththeloadinFigure2. Transitionismeasured±500mVfromsteady-statevoltage.


Similar Part No. - IS61WV51216BLL-10MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV51216EDALL ISSI-IS61WV51216EDALL Datasheet
921Kb / 19P
   TTL compatible inputs and outputs
IS61WV51216EDBLL ISSI-IS61WV51216EDBLL Datasheet
921Kb / 19P
   TTL compatible inputs and outputs
More results

Similar Description - IS61WV51216BLL-10MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51232ALL ISSI-IS61WV51232ALL Datasheet
177Kb / 19P
   512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com