Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NVP204818A-166B3I Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61NVP204818A-166B3I
Description  1Mb x 36 and 2Mb x 18 STATE BUS SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP204818A-166B3I Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61NVP204818A-166B3I Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NVP204818A-166B3I Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
09/13/07
IS61NLP102436A/IS61NVP102436A
IS61NLP204818A/IS61NVP204818A
LINEAR BURST ADDRESS TABLE (MODE = VSS)
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature
–65 to +150
°C
PD
Power Dissipation
1.6
W
IOUT
Output Current (per I/O)
100
mA
VIN, VOUT
Voltage Relative to VSS for I/O Pins
–0.5 to VDDQ + 0.3
V
VIN
Voltage Relative to VSS for
–0.3 to 4.6
V
for Address and Control Inputs
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
2. This device contains circuity to protect the inputs against damage due to high static voltages or electric fields; however,
precautions may be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance
circuit.
3. This device contains circuitry that will ensure the output devices are in High-Z at power up.
0,0
1,0
0,1
A1', A0' = 1,1
OPERATING RANGE (IS61NLPx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.3V ± 5%
3.3V / 2.5V ± 5%
Industrial
-40°C to +85°C
3.3V ± 5%
3.3V / 2.5V ± 5%
OPERATING RANGE (IS61NVPx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
2.5V ± 5%
2.5V ± 5%
Industrial
-40°C to +85°C
2.5V ± 5%
2.5V ± 5%


Similar Part No. - IS61NVP204818A-166B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP204836B ISSI-IS61NVP204836B Datasheet
1Mb / 39P
   100 percent bus utilization
More results

Similar Description - IS61NVP204818A-166B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
logo
GSI Technology
GS8673EQ18BGK-625IS GSI-GS8673EQ18BGK-625IS Datasheet
368Kb / 25P
   2Mb x 36 and 4Mb x 18 organizations available
logo
Integrated Silicon Solu...
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com