Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NVP204818A-166TQI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61NVP204818A-166TQI
Description  1Mb x 36 and 2Mb x 18 STATE BUS SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP204818A-166TQI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61NVP204818A-166TQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NVP204818A-166TQI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
09/13/07
IS61NLP102436A/IS61NVP102436A
IS61NLP204818A/IS61NVP204818A
3.3V I/O AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
1.5 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
317
Ω
5 pF
Including
jig and
scope
351
Ω
OUTPUT
+3.3V
Figure 1
Figure 2
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 3.3V.
3.3V I/O OUTPUT LOAD EQUIVALENT
1.5V
OUTPUT
Zo= 50
Ω
50
Ω


Similar Part No. - IS61NVP204818A-166TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP204836B ISSI-IS61NVP204836B Datasheet
1Mb / 39P
   100 percent bus utilization
More results

Similar Description - IS61NVP204818A-166TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
logo
GSI Technology
GS8673EQ18BGK-625IS GSI-GS8673EQ18BGK-625IS Datasheet
368Kb / 25P
   2Mb x 36 and 4Mb x 18 organizations available
logo
Integrated Silicon Solu...
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com