Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62C10248AL-55MLI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS62C10248AL-55MLI
Description  1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C10248AL-55MLI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS62C10248AL-55MLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS62C10248AL-55MLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. 00A
09/25/09
IS62C10248AL, IS65C10248AL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2)(OverOperatingRange)
45ns
55 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
twC
WriteCycleTime
45
55
ns
tsCs1/tsCs2 CS1/CS2toWriteEnd
35
45
ns
taw
AddressSetupTimetoWriteEnd
35
45
ns
tha
AddressHoldfromWriteEnd
0
0
ns
tsa
AddressSetupTime
0
0
ns
tPwe(4)
WE
PulseWidth
35
40
ns
tsd
DataSetuptoWriteEnd
25
30
ns
thd
DataHoldfromWriteEnd
0
0
ns
thzwe(3)
WE
LOWtoHigh-ZOutput
20
20
ns
tlzwe(3)
WE
HIGHtoLow-ZOutput
5
5
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof5nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0Vto3.0V
and output loading specified in Figure 1.
2. Theinternalwritetimeisdefinedbytheoverlapof CS1 LOW,CS2HIGH,andWELOW.AllsignalsmustbeinvalidstatestoinitiateaWrite,butanyonecan
go inactive to terminatetheWrite.TheDataInputSetupandHoldtimingarereferencedtotherisingorfallingedgeofthesignalthatterminatesthewrite.
3. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
4.tPwe > thzwe + tsd when OEisLOW.
AC WAVEFORMS
WRITE CYCLE NO. 1 (CS1/CS2 Controlled, OE=HIGHorLOW)
DATA-IN VALID
DATA UNDEFINED
tWC
tSCS1
tSCS2
tAW
tHA
tPWE
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CS1
CS2
WE
DOUT
DIN


Similar Part No. - IS62C10248AL-55MLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024-35Q ICSI-IS62C1024-35Q Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024-35Q ISSI-IS62C1024-35Q Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024-35QI ICSI-IS62C1024-35QI Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS62C10248AL-55MLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Emerging Memory & Logic...
EM680FV8A EMLSI-EM680FV8A Datasheet
386Kb / 10P
   1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FV8A EMLSI-EM681FV8A Datasheet
347Kb / 9P
   1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com