Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA6018N3510A Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # MA6018N3510A
Description  Broadband Limiting Amplifiers 0.5 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

MA6018N3510A Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  MA6018N3510A Datasheet HTML 1Page - American Accurate Components, Inc. MA6018N3510A Datasheet HTML 2Page - American Accurate Components, Inc. MA6018N3510A Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Broadband Limiting Amplifiers 0.5 to 18GHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
2
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Limiting Amplifiers
0.5 to 18GHz
Continued
Freq. R ange
Input P ow er
N oise Figure
S aturated
Flatness
V S W R
C urrent
P /N
(G Hz)
Range
(dBm )
(dB )
M ax
P out
(dB m )
(dB)
M ax
M ax
+ 12V (m A )
Typ
Case
M A 6018N 3505 A
6.0 - 18.0
-35 - +5
6.0
17/22
± 1.8
2:1
450
8I 46
M A 6018N 3510 A
6.0 - 18.0
-35 - + 10
6.0
17/22
± 1.8
2:1
450
8I 46
M A 6018N 2510 B
6.0 - 18.0
-25 - + 10
6.0
12/17
± 1.8
2:1
400
8I 46
M A 6018N 3005 B
6.0 - 18.0
-30 - +5
6.0
12/17
± 1.8
2:1
450
8I 46
M A 6018N 3010 B
6.0 - 18.0
-30 - + 10
6.0
12/17
± 1.8
2:1
450
8I 46
M A 6018N 3505 B
6.0 - 18.0
-35 - +5
6.0
12/17
± 1.8
2:1
450
8I 46
M A 6018N 3510 B
6.0 - 18.0
-35 - + 10
6.0
12/17
± 1.8
2:1
450
8I 46
M A 6018N 2510C
6.0 - 18.0
-25 - + 10
6.0
8/13
± 1.8
2:1
400
8I 46
M A 6018N 3005C
6.0 - 18.0
-30 - +5
6.0
8/13
± 1.8
2:1
450
8I 46
M A 6018N 3010C
6.0 - 18.0
-30 - + 10
6.0
8/13
± 1.8
2:1
450
8I 46
M A 6018N 3505C
6.0 - 18.0
-35 - +5
6.0
8/13
± 1.8
2:1
450
8I 46
M A 6018N 3510C
6.0 - 18.0
-35 - + 10
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8012N 2510 A
8.0 - 12.0
-25 - + 10
6.0
17/22
± 1.8
2:1
350
8I 46
M A 8012N 3005 A
8.0 - 12.0
-30 - +5
6.0
17/22
± 1.8
2:1
400
8I 46
M A 8012N 3010 A
8.0 - 12.0
-30 - + 10
6.0
17/22
± 1.8
2:1
400
8I 46
M A 8012N 3505 A
8.0 - 12.0
-35 - +5
6.0
17/22
± 1.8
2:1
400
8I 46
M A 8012N 3510 A
8.0 - 12.0
-35 - + 10
6.0
17/22
± 1.8
2:1
400
8I 46
M A 8012N 2510 B
8.0 - 12.0
-25 - + 10
6.0
12/17
± 1.8
2:1
400
8I 46
M A 8012N 3005 B
8.0 - 12.0
-30 - +5
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8012N 3010 B
8.0 - 12.0
-30 - + 10
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8012N 3505 B
8.0 - 12.0
-35 - +5
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8012N 3510 B
8.0 - 12.0
-35 - + 10
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8012N 2510C
8.0 - 12.0
-25 - + 10
6.0
8/13
± 1.8
2:1
400
8I 46
M A 8012N 3005C
8.0 - 12.0
-30 - +5
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8012N 3010C
8.0 - 12.0
-30 - + 10
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8012N 3505C
8.0 - 12.0
-35 - +5
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8012N 3510C
8.0 - 12.0
-35 - + 10
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8018N 2510 A
8.0 - 18.0
-25 - + 10
6.0
17/22
± 1.8
2:1
400
8I 46
M A 8018N 3005 A
8.0 - 18.0
-30 - +5
6.0
17/22
± 1.8
2:1
450
8I 46
M A 8018N 3010 A
8.0 - 18.0
-30 - + 10
6.0
17/22
± 1.8
2:1
450
8I 46
M A 8018N 3505 A
8.0 - 18.0
-35 - +5
6.0
17/22
± 1.8
2:1
450
8I 46
M A 8018N 3510 A
8.0 - 18.0
-35 - + 10
6.0
17/22
± 1.8
2:1
450
8I 46
M A 8018N 2510 B
8.0 - 18.0
-25 - + 10
6.0
12/17
± 1.8
2:1
400
8I 46
M A 8018N 3005 B
8.0 - 18.0
-30 - +5
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8018N 3010 B
8.0 - 18.0
-30 - + 10
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8018N 3505 B
8.0 - 18.0
-35 - +5
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8018N 3510 B
8.0 - 18.0
-35 - + 10
6.0
12/17
± 1.8
2:1
450
8I 46
M A 8018N 2510C
8.0 - 18.0
-25 - + 10
6.0
8/13
± 1.8
2:1
400
8I 46
M A 8018N 3005C
8.0 - 18.0
-30 - +5
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8018N 3010C
8.0 - 18.0
-30 - + 10
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8018N 3505C
8.0 - 18.0
-35 - +5
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8018N 3510C
8.0 - 18.0
-35 - + 10
6.0
8/13
± 1.8
2:1
450
8I 46
M A 8018N 4005
8.0 - 18.0
-40 - +5
6.0
12/17
± 1.8
2:1
300
8L


Similar Part No. - MA6018N3510A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA60101BAN MURATA-MA60101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA60101BBN MURATA-MA60101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA60101CAN MURATA-MA60101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA60101CBN MURATA-MA60101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA60101DAN MURATA-MA60101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA6018N3510A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Transcom, Inc.
TPD02-0.5G18S TRANSCOM-TPD02-0.5G18S Datasheet
78Kb / 1P
   0.5-18GHz 2-Way Power Divider
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
MAX2612 MAXIM-MAX2612 Datasheet
2Mb / 10P
   40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com